Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF423 Datasheet(PDF) 2 Page - Unisonic Technologies

No. de pieza BF423
Descripción Electrónicos  PNP HIGH-VOLTAGE TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BF423 Datasheet(HTML) 2 Page - Unisonic Technologies

  BF423_15 Datasheet HTML 1Page - Unisonic Technologies BF423_15 Datasheet HTML 2Page - Unisonic Technologies BF423_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTCBF423
PNP HIGH-VOLTAGE TRANSISTORS
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R201-058,A
-12
-16
0-8
-4
-40
-10
-30
-20
0
Ic-VCE(LOW VOLTAGE REGION)
Collector Current Ic (mA)
-20
-24
-28
-60
-50
Collector -Emitter Voltage VCE(V)
-3
-0.3
-1
100
10
50
5
hFE-Ic
-10
-30
30
500
300
-100
Base Emitter Voltage VBE (V)
-0.4
-0.6
0-0.2
-10
-30
-20
0
Ic-VBE
-0.8
-1.0
-50
-40
-1.2
IB=0
IB=0.05mA
IB=0.1mA
IB=0.15mA
IB=0.2mA
IB=0.3mA
0.4mA
0.6mA
1.0mA
IB=3.0mA
1.6mA
Common Emitter
Ta=25
Common Emitter
Ta=25
VCE=-20V
-10V
-5V
Collector Current Ic (mA)
-3
-0.3
-1
100
10
50
5
hFE-Ic
-10
-30
30
500
300
-100
Ta=25
Common Emitter
VCE=-10V
Ta=100
Ta=-25
Collector Current Ic (mA)
-3
-0.3
-1
-1
-0.1
-0.5
-0.05
VCE(sat)-Ic
-10
-30
-0.3
-5
-3
-100
Common Emitter
Ta=25
Ic/IB=10
Ic/IB=2
Ic/IB=5
Collector Current Ic (mA)
-3
-0.3
-1
-1
-0.1
-0.5
-0.05
VCE(sat)-Ic
-10
-30
-0.3
-5
-3
-100
Common Emitter
Ic/IB=5
Ta=25
Ta=100
Ta=-25
Common Emitter
VCE=10V
Ta=25
Ta=100
Ta=-25


Número de pieza similar - BF423_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BF423A3 CYSTEKEC-BF423A3 Datasheet
149Kb / 3P
   PNP Epitaxial Planar Transistor
BF423A3S CYSTEKEC-BF423A3S Datasheet
149Kb / 3P
   PNP Epitaxial Planar Transistor
logo
ON Semiconductor
BF423G ONSEMI-BF423G Datasheet
110Kb / 4P
   High Voltage Transistors
July, 2010 ??Rev. 5
logo
NXP Semiconductors
BF423L PHILIPS-BF423L Datasheet
50Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
BF423L PHILIPS-BF423L Datasheet
50Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
More results

Descripción similar - BF423_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
MMBT5401 WEITRON-MMBT5401 Datasheet
291Kb / 5P
   High Voltage PNP Transistors
logo
NXP Semiconductors
BF423L PHILIPS-BF423L Datasheet
50Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
BF621_623 PHILIPS-BF621_623_15 Datasheet
132Kb / 10P
   PNP high-voltage transistors
2004 Dec 14
logo
Weitron Technology
MPSA92 WEITRON-MPSA92 Datasheet
169Kb / 4P
   High-Voltage PNP Transistors
logo
Diotec Semiconductor
MPSA92 DIOTEC-MPSA92_18 Datasheet
146Kb / 2P
   High Voltage PNP Transistors
logo
Motorola, Inc
BF421 MOTOROLA-BF421 Datasheet
119Kb / 4P
   High Voltage Transistors(PNP)
logo
NXP Semiconductors
BF821 PHILIPS-BF821 Datasheet
41Kb / 8P
   PNP high-voltage transistors
1999 Apr 15
logo
Weitron Technology
MPSA94 WEITRON-MPSA94 Datasheet
1Mb / 4P
   High-Voltage PNP Transistors
logo
Guangdong Kexin Industr...
BF821 KEXIN-BF821 Datasheet
37Kb / 1P
   PNP High-Voltage Transistors
logo
NXP Semiconductors
BF870 PHILIPS-BF870 Datasheet
43Kb / 5P
   PNP high-voltage transistors
1996 Dec 09
BF821 NXP-BF821 Datasheet
105Kb / 6P
   PNP high-voltage transistors
2004 Jan 16
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com