Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59911IRZ Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL59911IRZ
Descripción Electrónicos  250MHz Triple Differential Receiver/ Equalizer with I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59911IRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL59911IRZ Datasheet HTML 7Page - Intersil Corporation ISL59911IRZ Datasheet HTML 8Page - Intersil Corporation ISL59911IRZ Datasheet HTML 9Page - Intersil Corporation ISL59911IRZ Datasheet HTML 10Page - Intersil Corporation ISL59911IRZ Datasheet HTML 11Page - Intersil Corporation ISL59911IRZ Datasheet HTML 12Page - Intersil Corporation ISL59911IRZ Datasheet HTML 13Page - Intersil Corporation ISL59911IRZ Datasheet HTML 14Page - Intersil Corporation ISL59911IRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL59911
11
FN7548.0
September 2, 2011
Offset Calibration
Historically, programmable video equalizer ICs have had large
and varying offset voltages, often requiring external circuitry
and/or manual trim to reduce the offset to acceptable levels. The
ISL59911 improves upon this by adding an offset calibration
circuit that, when triggered by setting bit 0 of I2C register 0x0C,
shorts the inputs together internally, compares the ROUT, GOUT,
and BOUT voltages to their corresponding RREF, GREF, and BREF
voltages and uses a DAC with a successive-approximation
technique to minimize the delta between them (see Figure 12).
When the ISL59911 is first powered up, the offset error is
undefined until an offset calibration is performed. The output
offset voltage of the ISL59911 also varies as the filter and gain
settings are adjusted. To minimize offset, always perform an
offset calibration after finalizing the filter and gain settings.
An offset calibration only takes about 3μs, so offset calibrations
can be performed after every register write without adding
significant time to the adjustment process. This minimizes offset
throughout the entire equalization adjustment procedure.
Output Signals
The ROUT, GOUT, and BOUT outputs can drive either a standard
75
Ω video load in x1 gain mode or a 150Ω source-terminated
load (75
Ω in series at source end [ISL59911 output pin], plus
75
Ω termination to ground at receive end) in x2 mode. If the
output of the ISL59911 is going directly into an ISL59920 or
similar delay line, termination to ground is not necessary,
however, a ~75
Ω series resistor at each output pin will help
isolate the outputs from the PCB trace capacitance, improving
the flatness of the frequency response.
When ENABLE is low, the ROUT, GOUT, and BOUT outputs are put
in a high-impedance state, allowing multiple ISL59911 devices
to be configured as a multiplexer by paralleling their outputs and
using ENABLE to select the active RGB channel.
Common Mode and HSYNC/VSYNC Outputs
In addition to the incoming differential video signals, the
ISL59911 also processes the common mode voltage on the
differential inputs and can output the signal in one of two ways
(as determined by the Output Configuration bit in register 0x01).
When the Output Configuration bit is set to 0 (the default), the
common mode input voltages are sent to comparators that
decode the voltage into HSYNC and VSYNC signals according to
the EL4543/ISL59311 standard encoding scheme shown in
Figure 13 and in Table 2 on page 11. The HSYNC signal appears
on the HSOUT/RCM pin, the VSYNC signal on VSOUT/GCM. The BCM
output pin is held at a logic low (0v).
To minimize noise coupling into the analog section from the sync
output drivers, the HSOUT and VSOUT outputs have limited current
drive, and should be buffered by 74HC04 or similar CMOS
buffers, as shown in Figure 1, before driving any significant loads
(such as a VGA cable).
When the Output Configuration bit is set to 1, buffered versions
of the three common mode input voltages are available on the
RCM, GCM, and BCM pins. Making the raw common mode signal
available allows for custom encoding schemes and/or
transmission of analog signals on the video signals’ common
mode.
TABLE 1. Cat 5 LOOK-UP TABLE
Length
(m)
Reg
2
Reg
3
Reg
4
Reg
5
Reg
6-8
0
0x00
0x00
0x00
0x00
0x40
25
0x20
0x11
0x10
0x00
0x40
50
0x24
0x22
0x21
0x01
0x44
75
0x25
0x33
0x31
0x01
0x44
100
0x49
0x44
0x42
0x01
0x48
125
0x69
0x55
0x53
0x02
0x48
150
0x89
0x75
0x62
0x02
0x4C
175
0x92
0x86
0x72
0x04
0x4C
200
0x96
0x96
0x82
0x06
0x50
225
0x97
0xA7
0x93
0x08
0x50
250
0xB7
0xB8
0xB2
0x09
0x54
275
0xD7
0xC9
0xC3
0x0A
0x54
300
0xF7
0xEA
0xD2
0x0C
0x58
VOUT
VREF
VIN+
VIN-
EQ AND
GAIN
DAC
SAR
LOGIC
OUTPUT
BUFFER
COMPARATOR
INPUT
BUFFER
FIGURE 12. OFFSET CALIBRATION (ONE CHANNEL SHOWN)
TABLE 2. H AND V SYNC DECODING
RED CM
GREEN CM
BLUE CM
HSYNC
VSYNC
2.5V
3.0V
2.0V
Low
Low
3.0V
2.0V
2.5V
Low
High
2.0V
3.0V
2.5V
High
Low
2.5V
2.0V
3.0V
High
High
TIME (0.5ms/DIV)
BLUE CM
GREEN CM
RED CM
VSYNC
HSYNC
0V
2.5V
0V
2.5V
2.0V
3.0V
2.0V
3.0V
2.0V
3.0V
FIGURE 13. H AND V SYNC SIGNAL ENCODING


Número de pieza similar - ISL59911IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911IRZ RENESAS-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59911IRZ-EVALZ INTERSIL-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911IRZ-EVALZ RENESAS-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
More results

Descripción similar - ISL59911IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com