Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD307-U1-02N Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza ESD307-U1-02N
Descripción Electrónicos  Uni-directional, 10 V, 270 pF, 0603, RoHS and Halogen Free compliant
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD307-U1-02N Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button ESD307-U1-02N Datasheet HTML 3Page - Infineon Technologies AG ESD307-U1-02N Datasheet HTML 4Page - Infineon Technologies AG ESD307-U1-02N Datasheet HTML 5Page - Infineon Technologies AG ESD307-U1-02N Datasheet HTML 6Page - Infineon Technologies AG ESD307-U1-02N Datasheet HTML 7Page - Infineon Technologies AG ESD307-U1-02N Datasheet HTML 8Page - Infineon Technologies AG ESD307-U1-02N Datasheet HTML 9Page - Infineon Technologies AG ESD307-U1-02N Datasheet HTML 10Page - Infineon Technologies AG ESD307-U1-02N Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ESD307-U1-02N
Typical Characteristics Diagrams
Final Data Sheet
7
Revision 1.0, 2014-05-30
4
Typical Characteristics Diagrams
Typical characteristics diagrams at TA = 25°C, unless otherwise specified
Figure 4-1 Reverse leakage current:
I
R = f(VR)
Figure 4-2 Line capacitance:
C
L = f(VR)
10-12
10-11
10-10
10-9
10-8
10-7
10-6
10-5
10-4
10-3
0
2
4
6
8
10
VR [V]
80
100
120
140
160
180
200
220
240
260
280
0
1
2
3
4
5
6
7
8
9
10
VR [V]


Número de pieza similar - ESD307-U1-02N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ESD300-B1-02LRH INFINEON-ESD300-B1-02LRH Datasheet
529Kb / 13P
   Low Clamping & Low Capacitance ESD/Surge Protection Diode
Revision 1.2, 2013-11-26
logo
Socay Electornics Co., ...
ESD30V12D-A SOCAY-ESD30V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD30V12D-A SOCAY-ESD30V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD30V12D-A SOCAY-ESD30V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD30V12D-A SOCAY-ESD30V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Descripción similar - ESD307-U1-02N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ESD121-B1-W0201 INFINEON-ESD121-B1-W0201 Datasheet
2Mb / 14P
   Bi-directional, 7 V, 0.25 pF, 0201, RoHS and halogen free compliant
v1.1 2019-07-29
ESD202-B1-CSP01005 INFINEON-ESD202-B1-CSP01005_15 Datasheet
718Kb / 14P
   Bi-directional, 5.5 V, 6.5 pF, 01005, RoHS and Halogen Free compliant
Revision 1.2, 2014-12-23
ESD131-B1-W0201 INFINEON-ESD131-B1-W0201 Datasheet
795Kb / 14P
   Bi-directional, 5.5 V, 0.23 pF, 0201, RoHS and Halogen Free compliant
Revision 1.0 2017-03-27
ESD145-B1-W01005 INFINEON-ESD145-B1-W01005 Datasheet
852Kb / 14P
   Bi-directional, 18 V, 0.2 pF, 01005, RoHS and Halogen Free compliant
Revision 1.0 2017-08-14
ESD231-B1-W0201 INFINEON-ESD231-B1-W0201 Datasheet
851Kb / 16P
   Bi-directional, 5.5 V, 3.5 pF, 0201, RoHS and Halogen Free compliant
Revision 1.1, 2015-10-02
ESD133-B1-W01005 INFINEON-ESD133-B1-W01005 Datasheet
851Kb / 14P
   Bi-directional, 5.5 V, 0.2 pF, 01005, RoHS and Halogen Free compliant
Revision 1.0 2018-01-12
ESD234-B1-W0201 INFINEON-ESD234-B1-W0201 Datasheet
732Kb / 14P
   Bi-directional, 5.5 V, 56 pF, 0201, RoHS and halogen free compliant
Revision 1.0 2018-09-06
ESD101-B1-02 INFINEON-ESD101-B1-02_15 Datasheet
656Kb / 15P
   Bi-directional, 5.5 V, 0.1 pF, 0201, 0402, RoHS and Halogen Free compliant
Revision 1.3, 2015-07-13
ESD120-B1-W0201 INFINEON-ESD120-B1-W0201 Datasheet
2Mb / 14P
   Protection device Bi-directional, 2.1 V, 0.28 pF, 0201, RoHS and halogen free compliant
v1.0 2019-06-24
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com