Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK6213-30C Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BUK6213-30C
Descripción Electrónicos  N-channel TrenchMOS intermediate level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK6213-30C Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK6213-30C_15 Datasheet HTML 1Page - NXP Semiconductors BUK6213-30C_15 Datasheet HTML 2Page - NXP Semiconductors BUK6213-30C_15 Datasheet HTML 3Page - NXP Semiconductors BUK6213-30C_15 Datasheet HTML 4Page - NXP Semiconductors BUK6213-30C_15 Datasheet HTML 5Page - NXP Semiconductors BUK6213-30C_15 Datasheet HTML 6Page - NXP Semiconductors BUK6213-30C_15 Datasheet HTML 7Page - NXP Semiconductors BUK6213-30C_15 Datasheet HTML 8Page - NXP Semiconductors BUK6213-30C_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BUK6213-30C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 4 October 2010
4 of 14
NXP Semiconductors
BUK6213-30C
N-channel TrenchMOS intermediate level FET
Fig 1.
Continuous drain current as a function of
mounting base temperature
Fig 2.
Normalized total power dissipation as a
function of mounting base temperature
Tmb = 25 °C; IDM is a single pulse
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
003aae913
0
10
20
30
40
50
0
50
100
150
200
Tmb (°C)
ID
(A)
Tmb (°C)
0
200
150
50
100
03na19
40
80
120
Pder
(%)
0
003aae914
10
-1
1
10
10
2
10
3
10
-1
1
10
10
2
V
DS(V)
I
D
(A)
Limit R
DSon= VDS/ ID
DC
100
μs
10 ms
t
p =10 μ s
100 ms
1 ms


Número de pieza similar - BUK6213-30C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK6213-30C NXP-BUK6213-30C Datasheet
179Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 01-4 October 2010
logo
Nexperia B.V. All right...
BUK6213-30C NEXPERIA-BUK6213-30C Datasheet
744Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 01 - 4 October 2010
More results

Descripción similar - BUK6213-30C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK662R5-30C PHILIPS-BUK662R5-30C_15 Datasheet
380Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-14 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com