Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK662R5-30C Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza BUK662R5-30C
Descripción Electrónicos  N-channel TrenchMOS intermediate level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK662R5-30C Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK662R5-30C_15 Datasheet HTML 5Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 6Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 7Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 8Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 9Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 10Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 11Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 12Page - NXP Semiconductors BUK662R5-30C_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BUK662R5-30C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 14 October 2010
9 of 14
NXP Semiconductors
BUK662R5-30C
N-channel TrenchMOS intermediate level FET
Tj = 25°C and ID = 25 A
Fig 13. Gate charge waveform definitions
Fig 14. Gate-source voltage as a function of gate
charge; typical values
VGS = 0 V; f = 1 MHz
VGS = 0 V
Fig 15. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Fig 16. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
003aae537
0
2
4
6
8
10
0
30
60
90
120
QG (nC)
VGS
(V)
VDS = 24 V
VDS = 14 V
003aae538
102
103
104
10−2
10−1
1
10
102
VDS (V)
C
(pF)
Ciss
Crss
Coss
003aae540
0
30
60
90
120
150
0
0.3
0.6
0.9
1.2
VSD (V)
IS
(A)
Tj = 25 °C
Tj = 175 °C


Número de pieza similar - BUK662R5-30C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK662R5-30C NEXPERIA-BUK662R5-30C Datasheet
930Kb / 14P
   N-channel TrenchMOS intermediate level FET
More results

Descripción similar - BUK662R5-30C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com