Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7524_7624_55A Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK7524_7624_55A
Descripción Electrónicos  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7524_7624_55A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK7524_7624_55A_15 Datasheet HTML 2Page - NXP Semiconductors BUK7524_7624_55A_15 Datasheet HTML 3Page - NXP Semiconductors BUK7524_7624_55A_15 Datasheet HTML 4Page - NXP Semiconductors BUK7524_7624_55A_15 Datasheet HTML 5Page - NXP Semiconductors BUK7524_7624_55A_15 Datasheet HTML 6Page - NXP Semiconductors BUK7524_7624_55A_15 Datasheet HTML 7Page - NXP Semiconductors BUK7524_7624_55A_15 Datasheet HTML 8Page - NXP Semiconductors BUK7524_7624_55A_15 Datasheet HTML 9Page - NXP Semiconductors BUK7524_7624_55A_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Philips Semiconductors
BUK7524-55A; BUK7624-55A
TrenchMOS™ standard level FET
Product specification
Rev. 02 — 01 March 2001
6 of 15
9397 750 08029
© Philips Electronics N.V. 2001. All rights reserved.
Source-drain diode
VSD
source-drain (diode forward)
voltage
IS = 25 A; VGS =0V;
Figure 15
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = −100 A/µs
VGS = −10 V; VDS =30V
49
ns
Qr
recovered charge
102
nC
Table 5:
Characteristics…continued
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tj =25 °C; tp = 300 µsTj =25 °C; ID =25A
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Drain-source on-state resistance as a function
of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03nb71
0
20
40
60
80
100
120
140
160
180
024
68
10
VDS (V)
ID
(A)
4.5
5.5
6.5
20
7.5
8.5
9.5
11
18
16
14
12
VGS (V)=
03nb70
10
15
20
25
30
35
6
8
10
12
14
16
18
20
VGS (V)
RDSon
(m
Ω)
03nb72
0
10
20
30
40
50
60
0
20
40
60
80
100
120
140
ID (A)
RDSon
(m
Ω)
VGS (V) =
5.5
6
6.5
7
8
10
03aa28
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-60
-20
20
60
100
140
180
T
j
(
o
C)
a
a
R
DSon
R
DSon 25 C
°
()
----------------------------
=


Número de pieza similar - BUK7524_7624_55A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7524-55 PHILIPS-BUK7524-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
January 1997 Rev 1.000
BUK7524-55 PHILIPS-BUK7524-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
January 1997 Rev 1.000
BUK7524-55A PHILIPS-BUK7524-55A Datasheet
314Kb / 15P
   TrenchMOS standard level FET
Rev. 02-01 March 2001
logo
Inchange Semiconductor ...
BUK7524-55A ISC-BUK7524-55A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
More results

Descripción similar - BUK7524_7624_55A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com