Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL3241EIRZ Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL3241EIRZ
Descripción Electrónicos  QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3241EIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL3241EIRZ Datasheet HTML 3Page - Intersil Corporation ISL3241EIRZ Datasheet HTML 4Page - Intersil Corporation ISL3241EIRZ Datasheet HTML 5Page - Intersil Corporation ISL3241EIRZ Datasheet HTML 6Page - Intersil Corporation ISL3241EIRZ Datasheet HTML 7Page - Intersil Corporation ISL3241EIRZ Datasheet HTML 8Page - Intersil Corporation ISL3241EIRZ Datasheet HTML 9Page - Intersil Corporation ISL3241EIRZ Datasheet HTML 10Page - Intersil Corporation ISL3241EIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL3241E, ISL3243E
7
FN6768.2
June 18, 2012
Transition Region Slew Rate
VCC = 3V to 3.6V, RL = 3kΩto 7kΩ,
Measured From 3V to -3V or -3V to 3V
CL = 150pF to
2500pF
25
4
12
30
V/µs
Full
4
11
30
V/µs
CL = 150pF to
1000pF
25
6
18
30
V/µs
Full
6
17
30
V/µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
Human Body Model
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge
25
-
±8
-
kV
IEC61000-4-2 Air Gap Discharge
25
-
±15
-
kV
All Pins
Human Body Model
25
-
±2
-
kV
Machine Model
25
-
±200
-
V
NOTES:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. Transmitter propagation delays are measured at the transmitter output 0V crossing points.
Test Circuits and Waveforms
FIGURE 1A. TEST CIRCUIT
FIGURE 1B. MEASUREMENT POINTS
FIGURE 1. DRIVER PROPAGATION DELAY AND SKEW
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. RECEIVER PROPAGATION DELAY AND SKEW
Electrical Specifications Test Conditions: VCC = 3V to 3.6V, VL = 1.8V ±10%, C1 to C4 = 0.1µF, Unless Otherwise Specified.
Typicals are at TA = +25°C, VCC = 3.3V, VL = 1.8V, Unless Otherwise Specified. Boldface limits apply over the operating temperature range, -40°C
to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
D
SHDN
TIN
VL
SIGNAL
GENERATOR
CL
RL
OR
FORCEOFF
TOUT
TOUT
VL
0V
1.5V
1.5V
+VO
-VO
tPHL
tPLH
TIN
SKEW = |tPHL - tPLH|
0V
0V
R
EN = GND
RIN
SIGNAL
GENERATOR
CL
OR
FORCEOFF = VL
ROUT
ROUT
+3V
-3V
tPHL
1.5V
1.5V
VOH
VOL
50%
50%
tPLH
RIN
SKEW = |tPHL - tPLH|


Número de pieza similar - ISL3241EIRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3241EIRZ INTERSIL-ISL3241EIRZ Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Renesas Technology Corp
ISL3241EIRZ RENESAS-ISL3241EIRZ Datasheet
962Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Intersil Corporation
ISL3241EIRZ-T INTERSIL-ISL3241EIRZ-T Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results

Descripción similar - ISL3241EIRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3241E INTERSIL-ISL3241E Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Renesas Technology Corp
ISL3241E RENESAS-ISL3241E Datasheet
962Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL83386E RENESAS-ISL83386E Datasheet
354Kb / 16P
   ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
Apr.19.19
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com