Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21080CIH330Z-TK Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL21080CIH330Z-TK
Descripción Electrónicos  300nA NanoPower Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080CIH330Z-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL21080CIH330Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL21080
3
FN6934.5
June 23, 2014
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Max Voltage
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
VIN to GND (ISL21080-41 and 50 only) . . . . . . . . . . . . . . . -0.5V to +10V
VOUT to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VOUT +1V
VOUT to GND (10s)
ISL21080-41 and 50 only . . . . . . . . . . . . . . . . . . . . . . -0.5V to +5.1V
ESD Ratings
Human Body Model (Tested to JESD22-A114) . . . . . . . . . . . . . . . . . . 5kV
Machine Model (Tested to JESD22-A115). . . . . . . . . . . . . . . . . . . . . 500V
Charged Device Model (Tested to JESD22-C101) . . . . . . . . . . . . . . . . 2kV
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Environmental Operating Conditions
X-Ray Exposure (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mRem
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
3 Lead SOT-23 (Notes 6, 7). . . . . . . . . . . . . .
275
110
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+107°C
Continuous Power Dissipation (TA = +85°C) . . . . . . . . . . . . . . . . . . .99mW
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5. Measured with no filtering, distance of 10” from source, intensity set to 55kV and 70mA current, 30s duration. Other exposure levels should be
analyzed for Output Voltage drift effects. See “Applications Information” on page 14.
6.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
JC, the “case temp” location is taken at the package top center.
8. Post-reflow drift for the ISL21080 devices will range from 100µV to 1.0mV based on experimental results with devices on FR4 double sided boards.
The design engineer must take this into account when considering the reference voltage after assembly.
9. Post-assembly x-ray inspection may also lead to permanent changes in device output voltage and should be minimized or avoided. Initial accuracy
can change 10mV or more under extreme radiation. Most inspection equipment will not affect the FGA reference voltage, but if x-ray inspection is
required, it is advisable to monitor the reference output voltage to verify excessive shift has not occurred.
Electrical Specifications (ISL21080-09, VOUT = 0.9V) VIN = 3.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 13)
TYP
MAX
(Note 13)
UNIT
VOUT
Output Voltage
0.9
V
VOA
VOUT Accuracy @ TA = +25°C (Notes 8, 9)
-0.7
+0.7
%
TC VOUT
Output Voltage Temperature Coefficient
(Note 10)
50
ppm/°C
VIN
Input Voltage Range
2.0
5.5
V
IIN
Supply Current
0.35
1.5
µA
VOUT /VIN
Line Regulation
2V < VIN < 5.5V
30
350
µV/V
VOUT/IOUT
Load Regulation
Sourcing: 0mA
 IOUT  10mA
6
100
µV/mA
Sinking: -10mA
 IOUT 0mA
23
350
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
30
mA
tR
Turn-on Settling Time
VOUT = ±0.1% with no load
1
ms
Ripple Rejection
f = 120Hz
-40
dB
eN
Output Voltage Noise
0.1Hz
 f 10Hz
40
µVP-P
VN
Broadband Voltage Noise
10Hz
 f 1kHz
10
µVRMS
Noise Density
f = 1kHz
1.1
µV/
Hz
VOUT/TA
Thermal Hysteresis (Note 11)
TA = +125°C
100
ppm
VOUT/t
Long Term Stability (Note 12)
TA = +25°C
60
ppm


Número de pieza similar - ISL21080CIH330Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21080CIH330Z-TK INTERSIL-ISL21080CIH330Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH330Z-TK INTERSIL-ISL21080CIH330Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080CIH330Z-TK RENESAS-ISL21080CIH330Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results

Descripción similar - ISL21080CIH330Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com