Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3112D1-Q1 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPA3112D1-Q1
Descripción Electrónicos  TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3112D1-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3112D1-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 9Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 10Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 11Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 12Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 13Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 14Page - Texas Instruments TPA3112D1-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
PWM
Logic
Gate
Drive
PVCC
PVCC
GVDD
BSP
PGND
OUTP
Gate
Drive
PVCC
PVCC
GVDD
BSN
PGND
OUTN
INP
INN
UVLO/OVLO
SC Detect
DC Detect
Thermal
Detect
Startup Protection
Logic
Biases and
References
FAULT
SD
GAIN0
PLIMIT
AGND
AVCC
GAIN1
Gain
Control
TTL
Buffer
Ramp
Generator
AVDD
GVDD
GVDD
LDO
Regulator
Gain
Control
PLIMIT
PLIMIT
Reference
OUTP FB
OUTN FB
OUTN FB
OUTP FB
TPA3112D1-Q1
www.ti.com
SLOS793B – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 DC Detect
The TPA3112D1-Q1 has circuitry that protects the speakers from DC current which might occur due to defective
capacitors on the input or shorts on the printed circuit board at the inputs. A DC detect fault is reported on the
FAULT pin as a low state. The DC detect fault also causes the amplifier to shut down by changing the state of
the outputs to Hi-Z. To clear the DC detect it is necessary to cycle the PVCC supply. Cycling SD does NOT clear
a DC detect fault.
A DC detect fault is issued when the output differential duty-cycle exceeds 14% (for example, 57%, –43%) for
more than 420 ms at the same polarity. This feature protects the speaker from large DC currents or AC currents,
less than 2 Hz. To avoid nuisance faults due to the DC detect circuit, hold the SD pin low at power-up until the
signals at the inputs are stable. Also, take care to match the impedance seen at the positive and negative input
to avoid nuisance DC detect faults.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA3112D1-Q1


Número de pieza similar - TPA3112D1-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
More results

Descripción similar - TPA3112D1-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3111D1-Q1 TI-TPA3111D1-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPA3111D1-Q1 10-W Filter-Free Mono Class-D Audio Power Amplifier With Speakerguard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com