Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29021IROZ-EVALZ Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL29021IROZ-EVALZ
Descripción Electrónicos  Digital Proximity Sensor with Interrupt Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29021IROZ-EVALZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL29021IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29021IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29021IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29021IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29021IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29021IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29021IROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29021IROZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL29021IROZ-EVALZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6732.0
March 3, 2009
background IR noise and from the IR LED driven by the
ISL29021 as shown in Equation 5.
Here,
β and EIR have the same meanings as in Equation 4.
The constant
γ depends on the spectrum of the used IR LED
and the ADC’s range and resolution selections. ELED is the
IR intensity which is emitted from the IR LED and reflected
by a specific objector to the ISL29021. ELED depends on the
current to the IR LED and the surface of the object. ELED
decreases with the square of the distance between the
object and the sensor.
If background IR noise is small, EIR can be neglected, and
the ADC output directly decreases with the distance. If there
is significant background IR noise, ISL29021 is to do a
proximity sensing using Scheme 1 to do on-chip background
IR noise subtraction.
Figure 9 shows ISL29021 configured at 12-bit ADC
resolution and sensitivity range select at 16000 (range 3) for
the proximity reading. A 12.5mA external LED current at
360kHz modulation frequency detects three different sensing
objects: 92% brightness paper, 18% gray card and ESD
black foam. Figure 10 shows ISL29021 configured at 12-bit
ADC resolution and sensitivity range select at 1000
(range 1) for the proximity reading, with a programmed
external LED at 360kHz modulation frequency, detecting the
same sensing object: 18% gray card under four different
external LED current: 12.5mA, 25mA, 50mA and 100mA to
compare the proximity readout versus distance.
ISL29021 Proximity sensing relies on the amount of IR
reflected back from the objects to be detected. Clearly, it can
not detect an optically black object that reflects no light.
However, ISL29021 is sensitive enough to detect a black ESD
foam, which reflects slightly less than 1% of IR, as shown in
Figure 9. For biological objects, blonde hair reflects more than
brunette hair, as expected and shown in Figure 11. Also notice
that skin tissue is much more reflective than hair. IR
penetrates into the skin and is reflected or scattered back
from within. As a result, the proximity count peaks at contact
and monotonically decreases as skin moves away. This
characteristic is very different from that of a plain paper
reflector.
Interrupt Function
Depending on the mode of operation set by Bits 7, 6 and 5 of
command register 00 hex, the upper and lower interrupt
thresholds are for either infrared signal level or proximity
detection. After each change of mode of operation, it is
expected a new set of thresholds are loaded to interrupt
registers 04, 05, 06 and 07 hex for proper interrupt detection.
Also, the interrupt persist counter will be reset to 0 when the
mode of operation is changed.
LED Modulation for Proximity Detection
ISL29021 offers two ways to modulate the LED in the
Proximity Detection mode - DC or 360kHz (with 50% duty
cycle) by bit 6 of register 01h. At the IRDR pin, there are four
different IRDR LED currents; 12.5, 25, 50, and 100mA
outputs selectable by bits 4 and 5 of register 01h. With the
LED running in the DC mode, the proximity detection is twice
as sensitive but consumes 2x more current. The sensitivity
of LED 50mA, DC 50mA is identical to that of 100mA,
360kHz modulation. Please note that the ISL29021 does not
include a LED.
Current Consumption Estimation
The low power operation is achieved through sequential
readout in the serial fashion, as shown in Figure 3, the
device requires three different phases in serial during the
entire detection cycle to do infrared sensing and proximity
sensing. The external IR LED will only be turned on during
the proximity sensing phase under user program controlled
current at modulated frequency depends on user selections.
Figure 3 also shows the current consumption during each IR
sensing and Proximity sensing phase. For example, at 8-bit
ADC resolution the integration time is 0.4ms. If user
programed 50mA current to supply external IR LED at
360kHz modulated frequency, during the entire operation
cycle that includes IR sensing and Proximity sensing three
different serial phases, the detection occurs once every
30ms, the average current consumption including external
IR LED drive current can be calculated from Equation 6:
If at a 12-bit ADC resolution where the integration time for
each serial phase becomes 7ms and the total detection time
becomes 100ms, the average current can be calculated from
Equation 7:
Suggested PCB Footprint
It is important that the users check the “Surface Mount
Assembly Guidelines for Optical Dual FlatPack No Lead
(ODFN) Package” before starting ODFN product board
mounting.
http://www.intersil.com/data/tb/TB477.pdf
Layout Considerations
The ISL29021 is relatively insensitive to layout. Like other
I2C devices, it is intended to provide excellent performance
even in significantly noisy environments. There are only a
few considerations that will ensure best performance.
Route the supply and I2C traces as far as possible from all
sources of noise. Use two power-supply decoupling
capacitors 1µF and 0.1µF, placed close to the device.
DATAPROX
β E
IR
×γ E
LED
×
+
=
(EQ. 5)
0.05mA 0.05mA 1mA (50mA∗50%))∗0.4ms
++
+
()
[]/30ms = 0.35mA
(EQ. 6)
0.05mA 0.05mA 1mA (50mA∗50%))∗
7ms
++
+
()
[]/100ms = 1.83mA
(EQ. 7)
ISL29021


Número de pieza similar - ISL29021IROZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29021IROZ-EVALZ INTERSIL-ISL29021IROZ-EVALZ Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29021IROZ-EVALZ RENESAS-ISL29021IROZ-EVALZ Datasheet
816Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results

Descripción similar - ISL29021IROZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29021 RENESAS-ISL29021 Datasheet
816Kb / 12P
   Digital Proximity Sensor with Interrupt Function
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com