Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL43210AIHZ-T7A Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL43210AIHZ-T7A
Descripción Electrónicos  Medium-Voltage, Single Supply, Single SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43210AIHZ-T7A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL43210AIHZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ISL43210A
4
FN7876.0
June 24, 2011
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 1MHz (see Figure 6)
25
-
-
105
-dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
63
-
dB
NO or NC OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V (see Figure 7)
25
-
8
-
pF
COM OFF Capacitance, CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V (see Figure 7)
25
-
8
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
25
-
28
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 15V, VIN = 0V or V+, all channels on or off
Full
-1.8
-
1.8
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
Full
4
--
V
Input Current, IINH, IINL
V+ = 15V, VIN = 0V or V+
Full
-1
-
1
µA
Electrical Specifications - 12V Supply Test Conditions: V+ = +10.8V to +15V, GND = 0V, VINH = 4V, VINL = 0.8V (Note 9),
Unless Otherwise Specified. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
Electrical Specifications - 5V Supply Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 9),
Unless Otherwise Specified. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11)
TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3.5V
(See Figure 5)
25
-
19
30
Full
-
23
40
rON Matching Between Channels, ΔrON
V+ = 5V, ICOM = 1.0mA, VNO or VNC = 3.5V
25
-
0.8
2
Full
-
1
4
rON Flatness, RFLAT(ON)
V+ = 5V, ICOM = 1.0mA, VNO or VNC = 1V, 2V, 3V
(Note 12)
Full
-
7
8
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 4.5V, 1V
25
-3
0.01
3
nA
Full
-5
-
5
nA
COM OFF Leakage Current, ICOM(OFF)
V+ = 5.5V, VCOM = 4.5V, 1V, VNO or VNC = 1V, 4.5V
25
-3
-
3
nA
Full
-5
-
5
nA
COM ON Leakage Current, ICOM(ON)
V+ = 5.5V, VCOM = 1V, 4.5V, or VNO or VNC = 1V,
4.5V or Floating
25
-5
-
5
nA
Full
-10
-
10
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 3V, RL = 1kΩ, CL = 35pF,
VIN = 0V to 3V (See Figure 1)
25
-
28
-
ns
Full
-
40
-
ns
Turn-OFF Time, tOFF
VNO or VNC = 3V, RL = 1kΩ, CL = 35pF,
VIN = 0V to 3V (See Figure 1)
25
-
20
-
ns
Full
-
30
-
ns
Break-Before-Make Time Delay, tD
RL = 300Ω, CL = 35pF, VNO = VNC = 3V,
VIN = 0V to 3V (See Figure 3)
Full
-
10
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (See Figure 2)
25
-
3
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 1MHz (See Figure 4)
25
-
76
-
dB


Número de pieza similar - ISL43210AIHZ-T7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43210AIHZ-T7A INTERSIL-ISL43210AIHZ-T7A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210AIHZ-T7A RENESAS-ISL43210AIHZ-T7A Datasheet
655Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
More results

Descripción similar - ISL43210AIHZ-T7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL43210A RENESAS-ISL43210A Datasheet
655Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
logo
Intersil Corporation
ISL43210A INTERSIL-ISL43210A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
ISL43210 INTERSIL-ISL43210_07 Datasheet
304Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL76123AHZ-T INTERSIL-ISL76123AHZ-T Datasheet
411Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
August 15, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com