Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM117QML Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM117QML
Descripción Electrónicos  LM117QML 3-Terminal Adjustable Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM117QML Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM117QML_15 Datasheet HTML 4Page - Texas Instruments LM117QML_15 Datasheet HTML 5Page - Texas Instruments LM117QML_15 Datasheet HTML 6Page - Texas Instruments LM117QML_15 Datasheet HTML 7Page - Texas Instruments LM117QML_15 Datasheet HTML 8Page - Texas Instruments LM117QML_15 Datasheet HTML 9Page - Texas Instruments LM117QML_15 Datasheet HTML 10Page - Texas Instruments LM117QML_15 Datasheet HTML 11Page - Texas Instruments LM117QML_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LM117QML, LM117QML-SP
SNVS356D – MARCH 2006 – REVISED APRIL 2013
www.ti.com
LM117E Electrical Characteristics
DC Parameters (continued)
The following conditions apply, unless otherwise specified.
VDiff = (VI − VO), IL = 8mA, PD ≤ 1.5W
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VDiff= 3V,
-15
15
mV
1
IL = 10mA to 100mA
VDiff= 3.3V,
-15
15
mV
2, 3
IL = 10mA to 100mA
VDiff= 40V,
-15
15
mV
1,2
VRLoad
Load Regulation
IL = 10mA to 100mA
−25
25
mV
3
VDiff= 3V,
-15
15
mV
1
IL = 10mA to 500mA
VDiff= 3.3V,
-15
15
mV
2, 3
IL = 10mA to 500mA
VDiff = 3V,
-5.0
5.0
µA
1
IL = 10mA to 500mA
VDiff = 3.3V,
ΔIAdj / Load
Adjustment Current Change
-5.0
5.0
µA
2, 3
IL = 10mA to 500mA
VDiff = 40V,
-5.0
5.0
µA
1, 2, 3
IL = 10mA to 100mA
3V
≤ VDiff ≤ 40V
-5.0
5.0
µA
1
ΔIAdj / Line
Adjustment Current Change
3.3V
≤ VDiff ≤ 40V
-5.0
5.0
µA
2, 3
IOS
Short Circuit Current
VDiff = 10V
0.45
1.6
A
1
TA = 25°C, t = 20mS,
θR
Thermal Regulation
-6.0
6.0
mV
1
VDiff = 40V, IL = 75mA
VDiff ≤ 15V
See(1)
0.5
A
1, 2, 3
ICL
Current Limit
VDiff = 40V
See(1)
0.15
A
1
(1)
Specified parameter, not tested.
LM117E Electrical Characteristics
AC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VI = +6.25V, VO = VRef,
RR
Ripple Rejection
ƒ= 120Hz, eI = 1VRMS,
See(1)
66
dB
4, 5, 6
IL = 100mA, CAdj = 10µf
(1)
Tested @ 25°C; specified, but not tested @ 125°C &
−55°C
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM117QML LM117QML-SP


Número de pieza similar - LM117QML_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM117QML TI1-LM117QML_16 Datasheet
1Mb / 37P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Descripción similar - LM117QML_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
5962R9951705VXA TI1-5962R9951705VXA Datasheet
1Mb / 36P
[Old version datasheet]   LM117QML 3-Terminal Adjustable Regulator
LM117QML TI1-LM117QML Datasheet
975Kb / 30P
[Old version datasheet]   LM117QML 3-Terminal Adjustable Regulator
LM117QML-SP TI-LM117QML-SP Datasheet
4Mb / 35P
[Old version datasheet]   LM117QML-SP RHA 4.25-V to 41.25-V 3-Terminal Adjustable Regulator
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com