Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM117JAN-SP Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM117JAN-SP
Descripción Electrónicos  LM117JAN 3-Terminal Adjustable Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM117JAN-SP Datasheet(HTML) 1 Page - Texas Instruments

  LM117JAN-SP Datasheet HTML 1Page - Texas Instruments LM117JAN-SP Datasheet HTML 2Page - Texas Instruments LM117JAN-SP Datasheet HTML 3Page - Texas Instruments LM117JAN-SP Datasheet HTML 4Page - Texas Instruments LM117JAN-SP Datasheet HTML 5Page - Texas Instruments LM117JAN-SP Datasheet HTML 6Page - Texas Instruments LM117JAN-SP Datasheet HTML 7Page - Texas Instruments LM117JAN-SP Datasheet HTML 8Page - Texas Instruments LM117JAN-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM117JAN
www.ti.com
SNVS365A – MARCH 2006 – REVISED MARCH 2013
LM117JAN 3-Terminal Adjustable Regulator
Check for Samples: LM117JAN
Also, it makes an especially simple adjustable
1
FEATURES
switching regulator, a programmable output regulator,
2
Specified 0.5A or 1.5A Output Current
or by connecting a fixed resistor between the
Adjustable Output Down to 1.2V
adjustment pin and output, the LM117 can be used
as a precision current regulator. Supplies with
Current Limit Constant with Temperature
electronic shutdown can be achieved by clamping the
80 dB Ripple Rejection
adjustment terminal to ground which programs the
Output is Short-circuit Protected
output to 1.2V where most loads draw little current.
For the negative complement, see LM137 series data
DESCRIPTION
sheet.
The LM117 adjustable 3-terminal positive voltage
regulator is capable of supplying either 0.5A or 1.5A
Connection Diagrams
over a 1.2V to 37V output range. It is exceptionally
easy to use and requires only two external resistors
to set the output voltage. Further, both line and load
regulation are better than standard fixed regulators.
In
addition
to
higher
performance
than
fixed
regulators, the LM117 series offers full overload
protection available only in IC's. Included on the chip
are current limit, thermal overload protection and safe
area protection. All overload protection circuitry
CASE IS OUTPUT
remains fully functional even if the adjustment
Figure 1. (TO-3)
terminal is disconnected.
Metal Can Package
Normally, no capacitors are needed unless the device
Bottom View
is situated more than 6 inches from the input filter
Steel Package
capacitors in which case an input bypass is needed.
Package Number K0002C
An optional output capacitor can be added to improve
transient response. The adjustment terminal can be
bypassed to achieve very high ripple rejection ratios
which are difficult to achieve with standard 3-terminal
regulators.
Besides replacing fixed regulators, the LM117 is
useful in a wide variety of other applications. Since
CASE IS OUTPUT
the regulator is “floating” and sees only the input-to-
output
differential
voltage,
supplies
of
several
Figure 2. (TO)
hundred volts can be regulated as long as the
Metal Can Package
maximum input to output differential is not exceeded,
Bottom View
i.e., avoid short-circuiting the output.
Package Number NDT0003A
Table 1. LM117 Series Packages
Part Number Suffix
Package
Design Load Current
K
TO-3
1.5A
NDT
TO
0.5A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM117JAN-SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM117JAN TI1-LM117JAN Datasheet
898Kb / 23P
[Old version datasheet]   LM117JAN 3-Terminal Adjustable Regulator
More results

Descripción similar - LM117JAN-SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM117JAN TI1-LM117JAN Datasheet
898Kb / 23P
[Old version datasheet]   LM117JAN 3-Terminal Adjustable Regulator
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com