Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM341T-15 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM341T-15
Descripción Electrónicos  Series 3-Terminal Positive Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM341T-15 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM341T-15 Datasheet HTML 4Page - Texas Instruments LM341T-15 Datasheet HTML 5Page - Texas Instruments LM341T-15 Datasheet HTML 6Page - Texas Instruments LM341T-15 Datasheet HTML 7Page - Texas Instruments LM341T-15 Datasheet HTML 8Page - Texas Instruments LM341T-15 Datasheet HTML 9Page - Texas Instruments LM341T-15 Datasheet HTML 10Page - Texas Instruments LM341T-15 Datasheet HTML 11Page - Texas Instruments LM341T-15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LM341/LM78MXX
SNVS090E – MAY 2004 – REVISED AUGUST 2005
www.ti.com
APPLICATION INFORMATION
Note that the case temperature is measured at the point where the leads contact with the mounting pad surface
Figure 14. Cross-sectional view of Integrated Circuit Mounted on a printed circuit board.
The LM78MXX/LM341XX regulators have internal thermal shutdown to protect the device from over-heating.
Under all possible operating conditions, the junction temperature of the LM78MXX/LM341XX must be within the
range of 0°C to 125°C. A heatsink may be required depending on the maximum power dissipation and maximum
ambient temperature of the application. To determine if a heatsink is needed, the power dissipated by the
regulator, PD, must be calculated:
IIN = IL + IG
(1)
PD = (VIN−VOUT) IL + VINIG
(2)
Figure 15 shows the voltages and currents which are present in the circuit.
Figure 15. Power Dissipation Diagram
The next parameter which must be calculated is the maximum allowable temperature rise, TR(max):
θJA = TR (max)/PD
(3)
If the maximum allowable value for
θJA°C/w is found to be ≥60°C/W for TO-220 package or ≥92°C/W for PFM
package, no heatsink is needed since the package alone will dissipate enough heat to satisfy these
requirements. If the calculated value for
θJA fall below these limits, a heatsink is required.
As a design aid, Table 1 shows the value of the
θJA of PFM for different heatsink area. The copper patterns that
we used to measure these
θJA are shown at the end of the Application Note Section. Figure 16 reflects the same
test results as what are in the Table 1
Figure 17 shows the maximum allowable power dissipation vs. ambient temperature for the TO-252 device.
Figure 18 shows the maximum allowable power dissipation vs. copper area (in2) for the TO-252 device. Please
see AN-1028 (SNVA036) for power enhancement techniques to be used with TO-252 package.
8
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM341/LM78MXX


Número de pieza similar - LM341T-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM341T-15 NSC-LM341T-15 Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM341T-15 TI1-LM341T-15 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM341T-15 TI1-LM341T-15 Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM341T-15/NOPB TI1-LM341T-15/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results

Descripción similar - LM341T-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com