Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM3480 Datasheet(PDF) 6 Page - Texas Instruments |
|
LM3480 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 20 page LM3480 SNVS011H – JUNE 1999 – REVISED SEPTEMBER 2015 www.ti.com 6.6 Electrical Characteristics: LM3480-12, LM3480-15 Typical and other limits apply for TA = TJ = 25°C, unless otherwise specified. Nominal output voltage (VNOM) = 12 V or 15 V. (1) (2) (3) VNOM = 12 V VNOM = 15 V PARAMETER TEST CONDITIONS UNIT MIN TYP MAX MIN TYP MAX VIN = VNOM + 1.5 V 11.52 12 12.48 14.4 15 15.6 1 mA ≤ IOUT ≤ 100 mA VOUT Output voltage V VIN = VNOM + 1.5 V 1 mA ≤ IOUT ≤ 100 mA 11.4 12.6 14.25 15.75 −40°C ≤ TJ ≤ 125°C VNOM + 1.5 V ≤ VIN ≤ 30 V 14 16 IOUT = 1 mA ΔVOUT Line regulation mV VNOM + 1.5 V ≤ VIN ≤ 30 V IOUT = 1 mA 40 40 −40°C ≤ TJ ≤ 125°C VIN = VNOM + 1.5 V 36 45 10 mA ≤ IOUT ≤ 100 mA ΔVOUT Load regulation mV VIN = VNOM + 1.5 V 10 mA ≤ IOUT ≤ 100 mA 60 75 −40°C ≤ TJ ≤ 125°C VNOM + 1.5 V ≤ VIN ≤ 30 V 2 2 No Load IGND Ground pin current mA VNOM + 1.5 V ≤ VIN ≤ 30 V 4 4 No Load, −40°C ≤ TJ ≤ 125°C IOUT = 10 mA 0.7 0.9 0.7 0.9 V IOUT = 10 mA, 1 1 −40°C ≤ TJ ≤ 125°C VIN - Dropout voltage VOUT IOUT = 100 mA 0.9 1.1 0.9 1.1 V IOUT = 100 mA , 1.2 1.2 −40°C ≤ TJ ≤ 125°C VIN = 10 V en Output noise voltage 360 450 µVrms Bandwidth: 10 Hz to 100 kHz (1) A typical is the center of characterization data taken with TA = TJ = 25°C. Typicals are not ensured. (2) All limits are ensured. All electrical characteristics having room-temperature limits are tested during production with TA = TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical process control. (3) All voltages except dropout are with respect to the voltage at the GND pin. 6 Submit Documentation Feedback Copyright © 1999–2015, Texas Instruments Incorporated Product Folder Links: LM3480 |
Número de pieza similar - LM3480_15 |
|
Descripción similar - LM3480_15 |