Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5216KI-1 Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL5216KI-1
Descripción Electrónicos  Four-Channel Programmable Digital Downconverter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5216KI-1 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL5216KI-1 Datasheet HTML 3Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 4Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 5Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 6Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 7Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 8Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 9Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 10Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
7
FN6013.3
July 13, 2007
Input Select/Format Block
Each front end block and the level detector block contains an
input select/format block. A functional block diagram is
provided in the above figure. The input source can be any of
the four parallel input busses (see Microprocessor Interface
Section Table 1, IWA *000h) or a test register loaded via the
processor bus (see Microprocessor Interface Section, GWA
register F807h).
The input to the part can operate in a gated or interpolated
mode. Each input data bus has an input enable (ENIx,x = A,
B, C or D). In the gated mode, one input sample is
processed per clock that the ENIx signal is asserted (low).
Processing is disabled when ENIx is high. The ENIx signal is
pipelined through the part to minimize delay (latency). In the
interpolated mode, the input is zeroed when the ENIx signal
is high, but processing inside the part continues. This mode
inserts zeros between the data samples, interpolating the
input data stream up to the clock rate. On reset, the part is
set to gated mode and the input enables are disabled. The
inputs are enabled by the first global SYNCI signal or
SYNCIx signal, where X = 0, 1, 2 or 3.
The input section can select one channel from a multiplexed
data stream of up to eight channels. The input enable is
delayed by zero to seven clock cycles to enable a selection
register. The register following the selection register is
enabled by the non-delayed input enable to realign the
processing of the channels. The one-clock-wide input enable
must align with the data for the first channel. The desired
channel is then selected by programming the delay. A delay
of zero selects the first channel, a delay of one selects the
second, etc.
The parallel input busses are 17 bits wide allowing for up to 16
bits of fixed-point data or 14 bits of mantissa with three bits of
exponent for floating-point data. The input format may be twos
complement or offset binary format in either fixed or floating
A(15:-1)
ENIA
B(15:-1)
ENIB
C(15:-1)
ENIC
D(15:-1)
ENID
NOTE: ENI* SIGNALS
ARE ACTIVE HIGH
(INVERTED AT THE I/O PAD)
TESTENBIT
TESTENSTRB
EXTERNAL DATA
INPUT SELECT
(IWA *000 - 14:13
or
GWA F804 - 14:13)
μP TEST
REGISTER
(GWA F807 - 15:0)
(IWA *000 - 11
(GWA F808)
or GWA F804 - 11)
TEST ENI
SELECT
(IWA *000 - 12
EXTERNAL/TEST
SELECT
(IWA *000 - 15
or GWA F804 - 15)
or GWA F804 - 12)
15:0
15:0
TESTEN
ENI
15:0
EN
OFFSET BINARY
OR
TWO’s COMPLEMENT
(IWA *000 - 10
or GWA F804 - 10)
FORMAT
FLOATING POINT
TO
FIXED POINT
11/3, 12/3, 13/3
14/2, 14/3, 15/2, 16/1
(IWA *000 or
GWA F804 - 17:16, 8:7)
R
E
G
PROGRAMMABLE
DELAY
DE-MULTIPLEX
CONTROL (0-7)
(IWA *000 - 6:4
or GWA F8O4 - 6:4)
15:0
FIXED POINT
OR
FLOATING POINT
(IWA *000 - 9
or GWA F804 - 9)
DATA
TO
NCO/MIXER
INTERPOLATED/GATED
MODE
(IWA *000 - 3
or GWA F804 - 3)
INPUT ENABLE HOLD OFF
(ENABLED BY SYNCI)
(GWA F802 - 30)
DATA
SAMPLE
ENABLE
CARRIER OFFSET
FREQUENCY (COF)
COF SYNC
ENABLE
COF
RESAMPLER
OFFSET FREQUENCY
(SOF)
SOF SYNC
ENABLE
SOF
ENABLE PN
(IWA *000 - 0)
PN
COF TO
CARRIER
NCO/MIXER
COF SYNC TO
CARRIER
NCO/MIXER
SOF TO
RESAMPLER
NCO
SOF SYNC TO
RESAMPLER
NCO
PN TO
CARRIER
NCO/MIXER
(1WA *000 - 2)
(IWA *000 - 1)
OR
LEVEL
DETECTOR
ISL5216


Número de pieza similar - ISL5216KI-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
ISL5216KI-1 RENESAS-ISL5216KI-1 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216KI-1Z INTERSIL-ISL5216KI-1Z Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
More results

Descripción similar - ISL5216KI-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com