Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL43640IU Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL43640IU
Descripción Electrónicos  Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43640IU Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL43640IU Datasheet HTML 5Page - Intersil Corporation ISL43640IU Datasheet HTML 6Page - Intersil Corporation ISL43640IU Datasheet HTML 7Page - Intersil Corporation ISL43640IU Datasheet HTML 8Page - Intersil Corporation ISL43640IU Datasheet HTML 9Page - Intersil Corporation ISL43640IU Datasheet HTML 10Page - Intersil Corporation ISL43640IU Datasheet HTML 11Page - Intersil Corporation ISL43640IU Datasheet HTML 12Page - Intersil Corporation ISL43640IU Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6043.3
January 23, 2006
FIGURE 12. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 13. TURN - OFF TIME vs SUPPLY VOLTAGE
FIGURE 14. ADDRESS TRANS TIME vs SUPPLY VOLTAGE
FIGURE 15. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 16. FREQUENCY RESPONSE
FIGURE 17. OFF ISOLATION
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
V+ (V)
23456789
10
11
12
VCOM = (V+) - 1V
50
100
150
200
250
300
350
0
-40
°C
85
°C
25
°C
V+ (V)
23456789
10
11
12
VCOM = (V+) - 1V
10
20
30
40
50
60
70
80
90
100
110
120
85
°C
-40
°C
25
°C
V+ (V)
23456789
10
11
12
VCOM = (V+) - 1V
50
100
150
200
250
300
350
0
-40°C
85°C
25°C
02
46
8
10
12
-5
-4
-3
-2
-1
0
1
2
3
VCOM (V)
V+ = 3.3V
V+ = 5V
V+ = 12V
FREQUENCY (MHz)
+3
0
-3
GAIN
PHASE
0
45
90
135
180
1
10
100
600
RL = 50Ω
VIN = 0.2VP-P (V+ = 13V)
VIN = 5VP-P (V+ = 13V)
VIN = 0.2VP-P (V+ = 3V)
VIN = 2.5VP-P (V+ = 3V)
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
V+ = 3V to 12V
ISL43640


Número de pieza similar - ISL43640IU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43640IU INTERSIL-ISL43640IU Datasheet
428Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43640IU INTERSIL-ISL43640IU Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Renesas Technology Corp
ISL43640IU RENESAS-ISL43640IU Datasheet
714Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Intersil Corporation
ISL43640IU-T INTERSIL-ISL43640IU-T Datasheet
428Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43640IU-T INTERSIL-ISL43640IU-T Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
More results

Descripción similar - ISL43640IU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43640 INTERSIL-ISL43640_06 Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Renesas Technology Corp
ISL43640 RENESAS-ISL43640 Datasheet
714Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Intersil Corporation
ISL43640 INTERSIL-ISL43640 Datasheet
428Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL84524 INTERSIL-ISL84524_04 Datasheet
354Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
ISL84524IUZ INTERSIL-ISL84524IUZ Datasheet
450Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
February 24, 2012
ISL84524 INTERSIL-ISL84524 Datasheet
346Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Renesas Technology Corp
ISL84524 RENESAS-ISL84524 Datasheet
648Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com