Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54217IRTZ-T Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL54217IRTZ-T
Descripción Electrónicos  USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54217IRTZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54217IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
FN6817.4
June 17, 2010
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, C0 = VDD, C1 = VDD,
L or R = 0.707VRMS (2VP-P), RL = 32Ω
25
-
0.045
-
%
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, C0 = VDD, C1 = VDD,
5mW into RL = 32Ω
25
-
0.025
-
%
Click and Pop
VDD = 3.3V, Audio Mute (C0 = 0V, C1 = 0V), RL =1kΩ,
L or R = 0 to 1.25V DC step or 1.25V to 0V DC step,
(see Figure 8)
25
-
75
-
µVp
Click and Pop
VDD = 3.3V, C0, C1 = 0.5Hz Square Wave, RL = 1kΩ,
L or R = AC coupled to ground, (see Figure 9)
25
-
520
-
µVp
USB Switch -3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω, CL = 5pF
25
-
700
-
MHz
Audio Switch -3dB Bandwidth
Signal = 0dBm, RL = 50Ω, CL = 5pF
25
-
330
-
MHz
1D+/1D- OFF Capacitance,
C1D+OFF, C1D-OFF
f = 1MHz, VDD = 3.0V, C0 = VDD, C1 = VDD, VD- or
VD+ = VCOMx = 0V (see Figure 5)
25
-
3
-
pF
L/R OFF Capacitance, CLOFF,
CROFF
f = 1MHz, VDD = 3.0V, C0 = 0V, C1 = VDD,
L or R = COMx = 0V (see Figure 5)
25
-
5
-
pF
2D+/2D- OFF Capacitance,
C2D+OFF, C2D-OFF
f = 1MHz, VDD = 3.3V, C0 = VDD, C1 = VDD, Tx or
Rx = COMx = 0V (see Figure 5)
25
-
3
-
pF
COM ON Capacitance, CCOM-
(ON), CCOM+(ON)
f = 1MHz, VDD = 3.0V, USB1 mode (C0 = 0V, C1 = VDD)
or USB2 Mode (C0 = VDD, C1 = 0V) (see Figure 5)
25
-
8
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
4.6
V
Positive Supply Current, IDD
(ALL OFF Mode)
VDD = 3.6V, C1 = GND, C0 = GND
25
-
6.2
10
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(USB1 Mode)
VDD = 3.6V, C1 = GND, C0 = VDD
25
-
6.5
10
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(USB2 Mode)
VDD = 3.6V, C1 = VDD, C0 = GND
25
-
6.2
10
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(Audio Mode)
VDD = 3.6V, C0 = C1 = VDD)25
-
9
14
µA
Full
-
-
20
µA
Positive Supply Current, IDD
(MUTE Mode)
VDD = 3.6V, C1 = VDD, C0 = GND
25
-
6.6
10
µA
Full
-
-
15
µA
Power OFF COMx Current, ICOMx VDD = 0V, C0 = C1 = Float, COMx = 5.25V
25
-
-
4
µA
Power OFF Logic Current, IC0, IC1 VDD = 0V, C0 = C1 = 5.25V
25
-
11
-
µA
Power OFF D+/D- Current, IXD+,
IXD-
VDD = 0V, C0 = C1 = Float, XD- = XD+ = 5.25V
25
-
5
-
µA
DIGITAL INPUT CHARACTERISTICS
C0, C1 Voltage Low, VC0L, VC1L VDD = 2.7V to 3.6V
Full
-
-
0.5
V
C0, C1 Voltage High, VC0H, VC1H VDD = 2.7V to 3.6V
Full
1.4
-
5.25
V
C0, C1 Input Current, IC0L, IC1L VDD = 3.6V, C0 = C1= 0V or Float
Full
-50
6.2
50
nA
C0, C1 Input Current, IC0H, IC1H VDD = 3.6V, C0 = C1= 3.6V
Full
-2
1.6
2
µA
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VC0H, VC1H = 1.4V, VC0L,
VC1L= 0.5V, (Note 11), Unless Otherwise Specified.
Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes
12, 13) TYP
MAX
(Notes
12, 13) UNITS
ISL54217


Número de pieza similar - ISL54217IRTZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54217IRTZ-T INTERSIL-ISL54217IRTZ-T Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54217IRTZ-T INTERSIL-ISL54217IRTZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54217IRTZ-T RENESAS-ISL54217IRTZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
More results

Descripción similar - ISL54217IRTZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com