Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC846 Datasheet(PDF) 2 Page - Kingtronics International Company

No. de pieza BC846
Descripción Electrónicos  Collector Base Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGTRONICS [Kingtronics International Company]
Página de inicio  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

BC846 Datasheet(HTML) 2 Page - Kingtronics International Company

  BC846 Datasheet HTML 1Page - Kingtronics International Company BC846 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES BC846 THUR BC850
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
BC846~BC850
NPN Silicon Epitaxial
Transistors
Note: Specifications are subject to change without notice.


Número de pieza similar - BC846

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC846 PHILIPS-BC846 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rectron Semiconductor
BC846 RECTRON-BC846 Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
logo
NXP Semiconductors
BC846 NXP-BC846 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Diodes Incorporated
BC846 DIODES-BC846 Datasheet
277Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 21 - 2
logo
KEC(Korea Electronics)
BC846 KEC-BC846 Datasheet
360Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Descripción similar - BC846

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingtronics Internation...
MMBT9018 KINGTRONICS-MMBT9018 Datasheet
294Kb / 2P
   Collector Base Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA733 MAKOSEMI-2SA733 Datasheet
105Kb / 2P
   Collector-Base Voltage
logo
Central Semiconductor C...
PN4033 CENTRAL-PN4033 Datasheet
404Kb / 3P
   Collector-Base Voltage
logo
Kingtronics Internation...
BC817 KINGTRONICS-BC817 Datasheet
412Kb / 2P
   Collector Base Voltage
logo
MAKO SEMICONDUCTOR CO.,...
A733 MAKOSEMI-A733 Datasheet
105Kb / 2P
   Collector-Base Voltage
logo
Kingtronics Internation...
BC856 KINGTRONICS-BC856 Datasheet
399Kb / 2P
   Collector Base Voltage
BC807 KINGTRONICS-BC807 Datasheet
296Kb / 2P
   Collector Base Voltage
logo
New Jersey Semi-Conduct...
2N2356 NJSEMI-2N2356 Datasheet
236Kb / 1P
   COLLECTOR TO BASE VOLTAGE
logo
Guangdong Kexin Industr...
2SA733 KEXIN-2SA733 Datasheet
1Mb / 2P
   Collector-Base Voltage: VCBO=-60V
logo
SHIKUES Electronics
2SD1619 SKTECHNOLGY-2SD1619 Datasheet
845Kb / 3P
   Power dissipation, Collector base voltage
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com