Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA204X-600B Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza BTA204X-600B
Descripción Electrónicos  3Q Hi-Com Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204X-600B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BTA204X-600B Datasheet HTML 3Page - NXP Semiconductors BTA204X-600B Datasheet HTML 4Page - NXP Semiconductors BTA204X-600B Datasheet HTML 5Page - NXP Semiconductors BTA204X-600B Datasheet HTML 6Page - NXP Semiconductors BTA204X-600B Datasheet HTML 7Page - NXP Semiconductors BTA204X-600B Datasheet HTML 8Page - NXP Semiconductors BTA204X-600B Datasheet HTML 9Page - NXP Semiconductors BTA204X-600B Datasheet HTML 10Page - NXP Semiconductors BTA204X-600B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
BTA204X-600B
3Q Hi-Com Triac
BTA204X-600B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
19 May 2014
7 / 13
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VD = 12 V; IT = 0.1 A; T2+ G+;
Tj = 25 °C; Fig. 7
-
-
50
mA
VD = 12 V; IT = 0.1 A; T2+ G-;
Tj = 25 °C; Fig. 7
-
-
50
mA
IGT
gate trigger current
VD = 12 V; IT = 0.1 A; T2- G-;
Tj = 25 °C; Fig. 7
-
-
50
mA
VD = 12 V; IG = 0.1 A; T2+ G+;
Tj = 25 °C; Fig. 8
-
-
30
mA
VD = 12 V; IG = 0.1 A; T2+ G-;
Tj = 25 °C; Fig. 8
-
-
45
mA
IL
latching current
VD = 12 V; IG = 0.1 A; T2- G-;
Tj = 25 °C; Fig. 8
-
-
30
mA
IH
holding current
VD = 12 V; Tj = 25 °C; Fig. 9
-
-
30
mA
VT
on-state voltage
IT = 5 A; Tj = 25 °C; Fig. 10
-
1.4
1.7
V
VD = 12 V; IT = 0.1 A; Tj = 25 °C;
Fig. 11
-
0.7
1
V
VGT
gate trigger voltage
VD = 400 V; IT = 0.1 A; Tj = 125 °C;
Fig. 11
0.25
0.4
-
V
ID
off-state current
VD = 600 V; Tj = 125 °C
-
0.1
0.5
mA
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM = 402 V; Tj = 125 °C; (VDM = 67%
of VDRM); exponential waveform; gate
open circuit
1000
-
-
V/µs
dIcom/dt
rate of change of
commutating current
VD = 400 V; Tj = 125 °C; IT(RMS) = 4 A;
dVcom/dt = 20 V/µs; (snubberless
condition); gate open circuit
6
-
-
A/ms


Número de pieza similar - BTA204X-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA204X-600B PHILIPS-BTA204X-600B Datasheet
51Kb / 6P
   Three quadrant triacs high commutation
December 1998-Rev 1.000
BTA204X-600B PHILIPS-BTA204X-600B Datasheet
51Kb / 6P
   Three quadrant triacs high commutation
December 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204X-600B WEEN-BTA204X-600B Datasheet
284Kb / 13P
   3Q Hi-Com Triac
More results

Descripción similar - BTA204X-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA204W-600E WEEN-BTA204W-600E Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA316-800E WEEN-BTA316-800E Datasheet
237Kb / 13P
   3Q Hi-Com Triac
BTA410-600CT WEEN-BTA410-600CT Datasheet
454Kb / 12P
   3Q Hi-Com Triac
BTA308Y-800C0T WEEN-BTA308Y-800C0T Datasheet
398Kb / 12P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com