Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA204X-600B Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BTA204X-600B
Descripción Electrónicos  3Q Hi-Com Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204X-600B Datasheet(HTML) 1 Page - NXP Semiconductors

  BTA204X-600B Datasheet HTML 1Page - NXP Semiconductors BTA204X-600B Datasheet HTML 2Page - NXP Semiconductors BTA204X-600B Datasheet HTML 3Page - NXP Semiconductors BTA204X-600B Datasheet HTML 4Page - NXP Semiconductors BTA204X-600B Datasheet HTML 5Page - NXP Semiconductors BTA204X-600B Datasheet HTML 6Page - NXP Semiconductors BTA204X-600B Datasheet HTML 7Page - NXP Semiconductors BTA204X-600B Datasheet HTML 8Page - NXP Semiconductors BTA204X-600B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BTA204X-600B
3Q Hi-Com Triac
19 May 2014
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Planar passivated high commutation three quadrant triac in a SOT186A (TO-220F) "full
pack" plastic package intended for use in circuits where high static and dynamic dV/dt
and high dI/dt can occur. This "series B" triac will commutate the full rated RMS current at
the maximum rated junction temperature without the aid of a snubber.
2. Features and benefits
3Q technology for improved noise immunity
High commutation capability with maximum false trigger immunity
High immunity to false turn on by dV/dt
High voltage capability
Isolated mounting base package
Less sensitive gate for very high noise immunity
Planar passivated for voltage ruggedness and reliability
Triggering in three quadrants only
3. Applications
General purpose motor control circuits
Home appliances
Rectifier-fed DC inductive loads e.g. DC motors and solenoids
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-
state voltage
-
-
600
V
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
-
25
A
IT(RMS)
RMS on-state current
full sine wave; Th ≤ 92 °C; Fig. 1; Fig. 2;
Fig. 3
-
-
4
A
Static characteristics
IGT
gate trigger current
VD = 12 V; IT = 0.1 A; T2+ G+;
Tj = 25 °C; Fig. 7
-
-
50
mA


Número de pieza similar - BTA204X-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA204X-600B PHILIPS-BTA204X-600B Datasheet
51Kb / 6P
   Three quadrant triacs high commutation
December 1998-Rev 1.000
BTA204X-600B PHILIPS-BTA204X-600B Datasheet
51Kb / 6P
   Three quadrant triacs high commutation
December 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204X-600B WEEN-BTA204X-600B Datasheet
284Kb / 13P
   3Q Hi-Com Triac
More results

Descripción similar - BTA204X-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA204W-600E WEEN-BTA204W-600E Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA316-800E WEEN-BTA316-800E Datasheet
237Kb / 13P
   3Q Hi-Com Triac
BTA410-600CT WEEN-BTA410-600CT Datasheet
454Kb / 12P
   3Q Hi-Com Triac
BTA308Y-800C0T WEEN-BTA308Y-800C0T Datasheet
398Kb / 12P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com