Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1055-3.3VCT Datasheet(PDF) 9 Page - Microchip Technology |
|
TC1055-3.3VCT Datasheet(HTML) 9 Page - Microchip Technology |
9 / 18 page © 2002 Microchip Technology Inc. DS21350B-page 9 TC1054/TC1055/TC1186 5.0 TYPICAL CHARACTERISTICS (CONTINUED) (Unless Otherwise Specified, All Parts Are Measured At Temperature = 25°C) 0 10 20 30 40 50 60 70 80 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 ILOAD = 150mA CIN = 1µF COUT = 1µF VIN (V) Ground Current vs. VIN (VOUT = 3.3V) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 ILOAD = 100mA CIN = 1µF COUT = 1µF 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 VIN (V) VOUT vs. VIN (VOUT = 3.3V) 3.274 3.276 3.278 3.280 3.282 3.284 3.286 3.288 3.290 -40 -20 -10 0 20 40 85 125 ILOAD = 150mA CIN = 1µF COUT = 1µF VIN = 4.3V TEMPERATURE ( °C) Output Voltage vs. Temperature (VOUT = 3.3V) 0 0.5 1 1.5 2 2.5 3 3.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 ILOAD = 0 CIN = 1µF COUT = 1µF VIN (V) VOUT vs. VIN (VOUT = 3.3V) 3.275 3.280 3.285 3.290 3.295 3.300 3.305 3.310 3.315 3.320 -40 -20 -10 0 20 40 85 125 ILOAD = 10mA CIN = 1µF COUT = 1µF VIN = 4.3V TEMPERATURE ( °C) Output Voltage vs. Temperature (VOUT = 3.3V) |
Número de pieza similar - TC1055-3.3VCT |
|
Descripción similar - TC1055-3.3VCT |