Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1055-3.3VCT Datasheet(PDF) 10 Page - Microchip Technology |
|
TC1055-3.3VCT Datasheet(HTML) 10 Page - Microchip Technology |
10 / 18 page TC1054/TC1055/TC1186 DS21350B-page 10 © 2002 Microchip Technology Inc. 5.0 TYPICAL CHARACTERISTICS (CONTINUED) (Unless Otherwise Specified, All Parts Are Measured At Temperature = 25°C) 4.985 4.990 4.995 5.000 5.005 5.010 5.015 5.020 5.025 -40 -20 -10 0 20 40 85 125 ILOAD = 10mA VIN = 6V CIN = 1µF COUT = 1µF TEMPERATURE ( °C) Output Voltage vs. Temperature (VOUT = 5V) 0 10 20 30 40 50 60 70 -40 -20 -10 0 20 40 85 125 ILOAD = 10mA VIN = 6V CIN = 1µF COUT = 1µF TEMPERATURE ( °C) Temperature vs. Quiescent Current (VOUT = 5V) 4.974 4.976 4.978 4.980 4.982 4.984 4.986 4.988 4.990 4.992 4.994 -40 -20 -10 0 20 40 85 125 ILOAD = 150mA VIN = 6V CIN = 1µF COUT = 1µF TEMPERATURE ( °C) Output Voltage vs. Temperature (VOUT = 5V) Temperature vs. Quiescent Current (VOUT = 5V) 0 10 20 30 40 50 60 70 80 -40 -20 -10 0 20 40 85 125 ILOAD = 150mA VIN = 6V CIN = 1µF COUT = 1µF TEMPERATURE ( °C) 10.0 1.0 0.1 0.0 0.01K 0.1K 1K 10K 100K 1000K FREQUENCY (Hz) Output Noise vs. Frequency RLOAD = 50Ω COUT = 1µF CIN = 1µF 1000 100 10 1 0.1 0.01 0 10 20 30 40 50 60 70 80 90 100 LOAD CURRENT (mA) Stability Region vs. Load Current COUT = 1µF to 10 µF Stable Region Stable Region -30 -35 -40 -45 -50 -60 -55 -65 -70 -75 -80 0.01K 0.1K 1K 10K 100K 1000K FREQUENCY (Hz) Power Supply Rejection Ratio IOUT = 10mA VINDC = 4V VINAC = 100mVp-p VOUT = 3V CIN = 0 COUT = 1µF |
Número de pieza similar - TC1055-3.3VCT |
|
Descripción similar - TC1055-3.3VCT |