Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1055-3.3VCT Datasheet(PDF) 11 Page - Microchip Technology |
|
TC1055-3.3VCT Datasheet(HTML) 11 Page - Microchip Technology |
11 / 18 page © 2002 Microchip Technology Inc. DS21350B-page 11 TC1054/TC1055/TC1186 5.0 TYPICAL CHARACTERISTICS (CONTINUED) VSHDN VOUT Measure Rise Time of 3.3V LDO Conditions: CIN = 1µF, COUT = 1µF, ILOAD = 100mA, VIN = 4.3V, Temp = 25 °C, Fall Time = 184µS VSHDN VOUT Measure Rise Time of 5.0V LDO Conditions: CIN = 1µF, COUT = 1µF, ILOAD = 100mA, VIN = 6V, Temp = 25 °C, Fall Time = 192µS VOUT Thermal Shutdown Response of 5.0V LDO Conditions: VIN = 6V, CIN = 0µF, COUT = 1µF ILOAD was increased until temperature of die reached about 160°C, at which time integrated thermal protection circuitry shuts the regulator off when die temperature exceeds approximately 160 °C. The regulator remains off until die temperature drops to approximately 150 °C. VSHDN VOUT Measure Fall Time of 3.3V LDO Conditions: CIN = 1µF, COUT = 1µF, ILOAD = 100mA, VIN = 4.3V, Temp = 25 °C, Fall Time = 52µS VSHDN VOUT Measure Fall Time of 5.0V LDO Conditions: CIN = 1µF, COUT = 1µF, ILOAD = 100mA, VIN = 6V, Temp = 25 °C, Fall Time = 88µS |
Número de pieza similar - TC1055-3.3VCT |
|
Descripción similar - TC1055-3.3VCT |