Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD218-B1-02ELS Datasheet(PDF) 6 Page - Infineon Technologies AG

No. de pieza ESD218-B1-02ELS
Descripción Electrónicos  ESD / transient protection according to
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD218-B1-02ELS Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ESD218-B1-02ELS Datasheet HTML 2Page - Infineon Technologies AG ESD218-B1-02ELS Datasheet HTML 3Page - Infineon Technologies AG ESD218-B1-02ELS Datasheet HTML 4Page - Infineon Technologies AG ESD218-B1-02ELS Datasheet HTML 5Page - Infineon Technologies AG ESD218-B1-02ELS Datasheet HTML 6Page - Infineon Technologies AG ESD218-B1-02ELS Datasheet HTML 7Page - Infineon Technologies AG ESD218-B1-02ELS Datasheet HTML 8Page - Infineon Technologies AG ESD218-B1-02ELS Datasheet HTML 9Page - Infineon Technologies AG ESD218-B1-02ELS Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ESD218-B1 Series
Typical Characteristics Diagrams
Final Data Sheet
6
Revision 1.1, 2015-01-13
4
Typical Characteristics Diagrams
Typical characteristics diagrams at TA = 25°C, unless otherwise specified
Figure 4-1 Reverse leakage current:
I
R = f(VR)
Figure 4-2 Line capacitance:
C
L = f(VR)
10-13
10-12
10-11
10-10
10-9
10-8
10-7
-24 -20 -16 -12 -8
-4
0
4
8
12 16 20 24
VR [V]
0
0.5
1
1.5
2
2.5
3
3.5
-20
-15
-10
-5
0
5
10
15
20
VR [V]
1 MHz
1 GHz


Número de pieza similar - ESD218-B1-02ELS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DB Lectro Inc
ESD210 DBLECTRO-ESD210 Datasheet
720Kb / 2P
   Output Interface UART, Compliant Bluetooth stack v1.2-improved AFH
logo
List of Unclassifed Man...
ESD210 ETC-ESD210 Datasheet
921Kb / 2P
   Bluetooth-serial Module
logo
Infineon Technologies A...
ESD217-B1-02EL INFINEON-ESD217-B1-02EL Datasheet
420Kb / 13P
   ESD / transient protection according to
More results

Descripción similar - ESD218-B1-02ELS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ESD110-B1 INFINEON-ESD110-B1 Datasheet
884Kb / 17P
   ESD / transient protection according to
ESD217-B1-02EL INFINEON-ESD217-B1-02EL Datasheet
420Kb / 13P
   ESD / transient protection according to
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
GSOT05 AITSEMI-GSOT05 Datasheet
527Kb / 7P
   ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
GSOT04C AITSEMI-GSOT04C Datasheet
551Kb / 8P
   ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
logo
AMAZING Microelectronic...
AZ2015-02S AMAZING-AZ2015-02S Datasheet
206Kb / 8P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com