Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1411EOA Datasheet(PDF) 8 Page - Microchip Technology |
|
TC1411EOA Datasheet(HTML) 8 Page - Microchip Technology |
8 / 14 page TC1411/TC1411N DS21390B-page 8 2002 Microchip Technology Inc. TYPICAL CHARACTERISTICS (CONTINUED) VDD (V) Rise Time vs. Supply Voltage 0 20 40 60 80 100 16 14 12 10 8 6 4 TA = -40°C TA = 25°C TA = 85°C CLOAD = 1000pF 0 20 40 60 80 100 16 14 12 10 8 6 4 TA = -40°C TA = 25°C TA = 85°C VDD (V) CLOAD = 1000pF TD1 Propagation Delay vs. Supply Voltage 0 500 1000 1500 2000 2500 3000 3500 0 20 40 60 80 100 TFALL TRISE Rise and Fall Times vs. Capacitive Load CLOAD (pF) TA = 25°C VDD = 16V Fall Time vs. Supply Voltage 0 20 40 60 80 100 16 14 12 10 8 6 4 TA = 85°C TA = -40°C TA = 25°C CLOAD = 1000pF VDD (V) VDD (V) TD2 Propagation Delay vs. Supply Voltage 0 20 40 60 80 100 16 14 12 10 8 6 4 CLOAD = 1000pF TA = -40°C TA = 25°C TA = 85°C Propagation Delays vs. Capacitive Load CLOAD (pF) TD1 0 500 1000 1500 2000 2500 3000 3500 26 28 30 32 34 36 TD2 TA = 25°C VDD = 16V |
Número de pieza similar - TC1411EOA |
|
Descripción similar - TC1411EOA |