Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW-7540D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza FW-7540D
Descripción Electrónicos  Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7540D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-7540D Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7540D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
FW-7540A
Intel D425 CPU; w/ 1 x DDR3 Memory Slot, 4 x GbE RJ45, 2
pair bypass, 60W Power Adaptor, Desktop
FW-7540B
Intel D525 CPU; w/ 1 x DDR3 Memory Slot, 4 x GbE RJ45, 2
pair bypass, 60W Power Adaptor, Desktop
FW-7540C
Intel D425 CPU; w/ 1 x DDR3 Memory Slot, 4 x GbE RJ45, w/o
bypass, 60W Power Adaptor, Desktop
FW-7540D
Intel D525 CPU; w/ 1 x DDR3 Memory Slot, 4 x GbE RJ45, w/o
bypass, 60W Power Adaptor, Desktop
FW-7540E
Intel D425 CPU; w/ 1 x DDR3 Memory Slot, 4 x GbE RJ45 (Intel
82574L), 2 pair bypass, 60W Power Adaptor, Desktop
Form Factor
Desktop / Half-rack
Platform
Processor Options
Intel® Atom D425 or Dual Core D525, on board
Chipset
ICH8M
BIOS
AMI BIOS
16Mbit SPI Flash ROM
System
Memory
Technology
DDR3 667/800 MHz
Max. Capacity
4GB
Socket
1 x 240P DIMM
OS Support
Windows 2000, 2003, XP, 7. Linux kernel 2.4 and up,
OpenBSD, FreeBSD
Storage
HDD Bays
1 x 2.5” (Optional)
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
4 x GbE RJ45
Bypass
2 pairs G2
Controllers
4 x Intel 82583V (SKU A/B/C/D), 4 x Intel 82574L(SKU E)
Ethernet Modules
N/A
Management Port
N/A
Security Acceleration
N/A
I/O Interface
Reset Button
1 x reset button
Software reset by default
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
1 x Mini-PCIe (with PCI-E*1 and USB signal)
PCI
N/A
Cooling
Processor
Passive CPU heatsink
System
1 x cooling fan with smart fan control
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~90%, non-condensing / 5~95%, non-condensing
Miscellaneous
LCD Module
N/A
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 215.5 x 44 x 190 mm
Weight
1.2 kg
Power
Type / Watts
12V 5A 60W Power Adapter
Input
AC 100~240V @ 50~60 Hz
Approvals and Compliance
CE emission, FCC Class A, RoHS


Número de pieza similar - FW-7540D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FW-7541 ETC2-FW-7541 Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
FW-7541A ETC2-FW-7541A Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
FW-7541B ETC2-FW-7541B Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
FW-7541C ETC2-FW-7541C Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
FW-7541D ETC2-FW-7541D Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
More results

Descripción similar - FW-7540D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FW-7541 ETC2-FW-7541 Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
logo
AAEON Technology
FWS-2200 AAEON-FWS-2200 Datasheet
330Kb / 2P
   Desktop Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
logo
List of Unclassifed Man...
FW-7535 ETC2-FW-7535 Datasheet
127Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel Atom CPU and Six Network Ports
logo
ADL Embedded Solutions
ADLD25PC ADL-ADLD25PC Datasheet
236Kb / 3P
   Intel Atom D525 Dual Core, 1.80GHz
logo
AAEON Technology
FWS-7200 AAEON-FWS-7200 Datasheet
329Kb / 2P
   1U Rackmount Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
ETX-LN AAEON-ETX-LN Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom D525/N455/D425 Processor
logo
Lanner All Rights Reser...
NCA-1210 LANNER-NCA-1210 Datasheet
412Kb / 2P
   Compact x86 Desktop Network Appliance with Intel Atom C2000 SoC CPU
logo
AAEON Technology
FWS-2365 AAEON-FWS-2365 Datasheet
362Kb / 2P
   Desktop Network Appliance with Intel® Atom® Processor C3000 series
2022/04/12
FWS-2360 AAEON-FWS-2360 Datasheet
255Kb / 2P
   Desktop Network Appliance with Intel® Atom® Processor C3000 Series
logo
List of Unclassifed Man...
FW-7568 ETC2-FW-7568 Datasheet
196Kb / 2P
   Rackmount 1U Firewall Appliance with Low Power Consumption and Dual Core Intel Atom Processor D525
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com