Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM59R16A5 Datasheet(PDF) 10 Page - SyncMOS Technologies,Inc

No. de pieza SM59R16A5
Descripción Electrónicos  Two serial peripheral interfaces in full duplex mode
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNCMOS [SyncMOS Technologies,Inc]
Página de inicio  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A5 Datasheet(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM59R16A5 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59R16A5 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59R16A5 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59R16A5 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59R16A5 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59R16A5 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59R16A5 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59R16A5 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM59R16A5 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
SM59R16A5/SM59R09A5/SM59R05A5
8-Bit Micro-controller
64KB/36KB/20KB with ISP Flash
& 2KB RAM embedded
40L
PDIP
44L
PLCC
44L
PQFP
48L
LQFP
Symbol
I/O
Description
22
25
19
20
P2.1
/A9/KBI1/CC1
I/O
Bit 1 of port 2 & Bit 9 of external memory address & KBI
interrupt 1 & Timer 2 compare/capture Channel 1
23
26
20
21
P2.2/A10/KBI2/O
p1Out/CC2
I/O
Bit 2 of port 2 & Bit 10 of external memory address & KBI
interrupt 2 & Op1 output & Timer 2 compare/capture
Channel 2
24
27
21
22
P2.3/A11/KBI3/Op
1NIn/CC3
I/O
Bit 3 of port 2 & Bit 11 of external memory address & KBI
interrupt 3 & Op1 Negative Input & Timer 2 compare/capture
Channel 3
25
28
22
23
P2.4/A12/KBI4/O
p1Pin/PWM0
I/O
Bit 4 of port 2 & Bit 12 of external memory address & KBI
interrupt 4 & Op1 Positive Input & PWM Channel 0
24
P5.0
I/O
Bit 0 of port 5
25
P5.1
I/O
Bit 1 of port 5
26
29
23
26
P2.5/A13/KBI5/O
p0NIn/PWM1
I/O
Bit 5 of port 2 & Bit 13 of external memory address & KBI
interrupt 5 & Op0 Negative Input & PWM Channel 1
27
30
24
27
P2.6/A14/KBI6/O
p0Pin/PWM2
I/O
Bit 6 of port 2 & Bit 14 of external memory address & KBI
interrupt 6 & Op0 Positive Input & PWM Channel 2
28
31
25
28
P2.7/A15/KBI7/O
p0Out/PWM3
I/O
Bit 7 of port 2 & Bit 15 of external memory address & KBI
interrupt 7 & Op0 Output & PWM Channel 3
29
32
26
29
OCI_SCL/P4.4
I/O
On-Chip Instrumentation Clock I/O pin of ICE and ICP
functions & Bit 4 of port 4
30
33
27
30
ALE/P4.5
I/O
Address latch enable & Bit 5 of port 4
34
28
31
P4.1/PWM1/CC1/
IIC_SDA/MOSI
I/O
Bit 1 of port 4 & PWM Channel 1 & Timer 2 compare/capture
Channel 1 & IIC SDA pin & SPI interface Serial Data Master
Output or Slave Input pin
31
35
29
32
OCI_SDA/P4.6
I/O
On-Chip Instrumentation Command and data I/O pin
synchronous to OCI_SCL in ICE and ICP functions & Bit 6 of
port 4
32
36
30
33
P0.7/AD7/KBI7
I/O
Bit 7 of port 0 & Bit 7 of external memory address/ data &
KBI interrupt 7
33
37
31
34
P0.6/AD6/KBI6
I/O
Bit 6 of port 0 & Bit 6 of external memory address/ data &
KBI interrupt 6
34
38
32
35
P0.5/AD5/KBI5
I/O
Bit 5 of port 0 & Bit 5 of external memory address/ data &
KBI interrupt 5
35
39
33
36
P0.4/AD4/KBI4
I/O
Bit 4 of port 0 & Bit 4 of external memory address/ data &
KBI interrupt 4
36
40
34
37
P0.3/AD3/KBI3
I/O
Bit 3 of port 0 & Bit 3 of external memory address/ data &
KBI interrupt 3
37
41
35
38
P0.2/AD2/KBI2
I/O
Bit 2 of port 0 & Bit 2 of external memory address/ data &
KBI interrupt 2
38
42
36
39
P0.1/AD1/KBI1
I/O
Bit 1 of port 0 & Bit 1 of external memory address/ data &
KBI interrupt 1
39
43
37
40
P0.0/AD0/KBI0
I/O
Bit 0 of port 0 & Bit 0 of external memory address/ data &
KBI interrupt 0
40
44
38
41
VDD
I
Power supply
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M047
10
Ver.H
SM59R16A5
04/2015


Número de pieza similar - SM59R16A5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM59R16A2 SYNCMOS-SM59R16A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
More results

Descripción similar - SM59R16A5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM39R4051 SYNCMOS-SM39R4051 Datasheet
519Kb / 47P
   One serial peripheral interfaces in full duplex mode
SM39R08A3 SYNCMOS-SM39R08A3 Datasheet
1Mb / 88P
   One serial peripheral interfaces in full duplex mode
logo
Exar Corporation
XR88C681J-F EXAR-XR88C681J-F Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
logo
NXP Semiconductors
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
logo
List of Unclassifed Man...
TMC428 ETC2-TMC428_06 Datasheet
719Kb / 58P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
logo
Rohm
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
   Built-in Serial Peripheral Interface
BD8255MUV-M ROHM-BD8255MUV-M Datasheet
1Mb / 46P
   Built-in Serial Peripheral Interface
logo
STMicroelectronics
SPC56L-DISCOVERY STMICROELECTRONICS-SPC56L-DISCOVERY Datasheet
138Kb / 4P
   Two LIN interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com