Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM5954 Datasheet(PDF) 8 Page - SyncMOS Technologies,Inc |
|
SM5954 Datasheet(HTML) 8 Page - SyncMOS Technologies,Inc |
8 / 53 page SM5954 8-Bit Micro-controller 16KB with 4KB ISP Flash & 1KB RAM embedded Specifications subject to change without notice contact your sales representatives for the most recent information. ISSFD-M093 Ver C SM5954 04/17/2014 - 8 - Pin Description 40L PDIP 44L PLCC 44L PQFP Symbol I/O Description - 1 39 P4.2 I/O Bit 2 of port 4 1 2 40 P1.0/T2 I/O Bit 0 of port 1 & Timer 2 external input clock 2 3 41 P1.1/T2EX I/O Bit 1 of port 1 & Timer 2 capture trigger 3 4 42 P1.2/PWM0 I/O Bit 2 of port 1 & PWM Channel 0 4 5 43 P1.3/PWM1 I/O Bit 3 of port 1 & PWM Channel 1 5 6 44 P1.4 I/O Bit 4 of port 1 6 7 1 P1.5 I/O Bit 5 of port 1 7 8 2 P1.6/SCL I/O Bit 6 of port 1 & IIC SCL pin 8 9 3 P1.7/SDA I/O Bit 7 of port 1 & IIC SDA pin 9 10 4 RESET I Reset pin 10 11 5 P3.0/RXD I/O Bit 0 of port 3 & Serial interface channel receive data - 12 6 P4.3 I/O Bit 3 of port 4 11 13 7 P3.1/TXD I/O Bit 1 of port 3 & Serial interface channel Transmit data 12 14 8 P3.2/INT0 I/O Bit 2 of port 3 & Interrupt 0 13 15 9 P3.3/INT1 I/O Bit 3 of port 3 & Interrupt 1 14 16 10 P3.4/T0 I/O Bit 4 of port 3 & Timer 0 external input 15 17 11 P3.5/T1 I/O Bit 5 of port 3 & Timer 1 external input 16 18 12 P3.6/WR I/O Bit 6 of port 3 & external memory write 17 19 13 P3.7/RD I/O Bit 7 of port 3 & external memory read 18 20 14 XTAL2 I/O Crystal output 19 21 15 XTAL1 I/O Crystal input 20 22 16 VSS I Ground - 23 17 P4.0 I/O Bit 0 of port 4 21 24 18 P2.0/A8 I/O Bit 0 of port 2 & bit 8 of external memory address 22 25 19 P2.1/A9 I/O Bit 1 of port 2 & bit 9 of external memory address 23 26 20 P2.2/A10 I/O Bit 2 of port 2 & bit 10 of external memory address 24 27 21 P2.3/A11 I/O Bit 3 of port 2 & bit 11 of external memory address 25 28 22 P2.4/A12 I/O Bit 4 of port 2 & bit 12 of external memory address 26 29 23 P2.5/A13 I/O Bit 5 of port 2 & bit 13 of external memory address 27 30 24 P2.6/A14 I/O Bit 6 of port 2 & bit 14 of external memory address 28 31 25 P2.7/A15 I/O Bit 7 of port 2 & bit 15 of external memory address 29 32 26 PSEN O program storage enable 30 33 27 ALE O address latch enable - 34 28 P4.1 I/O Bit 1 of port 4 31 35 29 EA I external access 32 36 30 P0.7/AD7 I/O Bit 7 of port 0 & data/address bit 7 of external memory 33 37 31 P0.6/AD6 I/O Bit 6 of port 0 & data/address bit 6 of external memory 34 38 32 P0.5/AD5 I/O Bit 5 of port 0 & data/address bit 5 of external memory 35 39 33 P0.4/AD4 I/O Bit 4 of port 0 & data/address bit 4 of external memory 36 40 34 P0.3/AD3 I/O Bit 3 of port 0 & data/address bit 3 of external memory 37 41 35 P0.2/AD2 I/O Bit 2 of port 0 & data/address bit 2 of external memory 38 42 36 P0.1/AD1 I/O Bit 1 of port 0 & data/address bit 1 of external memory 39 43 37 P0.0/AD0 I/O Bit 0 of port 0 & data/address bit 0 of external memory 40 44 38 VDD I Power supply |
Número de pieza similar - SM5954 |
|
Descripción similar - SM5954 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |