Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW-8760 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza FW-8760
Descripción Electrónicos  Network Security Appliance with Intel 3450 Chipset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8760 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-8760 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8760 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
Form Factor
1U Rackmount
Platform
Processor Options
Intel (Lynnfield/Clarkdale) Core i3/i5/i7, on LGA 1156
Chipset
Intel 3450
BIOS
AMI BIOS
16Mbit SPI Flash ROM
System
Memory
Technology
Dual-Channel DDR3 1066/1333MHz unbuffered, with or
without ECC
Max. Capacity
16GB
Socket
4 x 240P DIMM
OS Support
Windows 2000, 2003, XP, 7. Linux kernel 2.4 and up,
OpenBSD, FreeBSD
Storage
HDD Bays
1 x 3.5” or 2 x 2.5”
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
8 x GbE RJ45 onboard
16 x GbE ports max.
Bypass
4 Pairs G2
Controllers
8 x Intel 82574L
Ethernet Modules
Yes
Management Port
N/A
Security Acceleration
N/A
I/O Interface
Reset Button
1 x reset button (software reset by default)
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
1 x PCIe*8 expansion or 2 x PCIe*4 (optional)
PCI
1 x Mini-PCI
Cooling
Processor
CPU heatsink with fan duct
System
4 x cooling fans with smart fan control
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
2 x 20 characters
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 426 x 44 x 395 mm
Weight
8.2 kg
Power
Type / Watts
1U ATX SPS / 220W
Input
AC 100~240V @50~60 Hz
Approvals and Compliance
CE emission, FCC Class A, RoHS
FW-8760A
Standard with 4 pairs LAN bypas
FW-8760B
Standard without LAN bypas
Last Updated: 10-Jul-2012


Número de pieza similar - FW-8760

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FW-8750 ETC2-FW-8750 Datasheet
293Kb / 2P
   A hybrid networking solution built for performance and security
FW-8756A ETC2-FW-8756A Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8756B ETC2-FW-8756B Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
FW-8758A ETC2-FW-8758A Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
More results

Descripción similar - FW-8760

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FW-7581 ETC2-FW-7581 Datasheet
228Kb / 2P
   Unified Communication Network Appliance with Intel G41 Chipset
logo
Advantech Co., Ltd.
FWA-3034 ADVANTECH-FWA-3034 Datasheet
955Kb / 3P
   1U Network Appliance with 12th Gen Intel® Core Processors for Network Security and Management
31-Jan-2023
logo
Axiomtek Co., Ltd.
NA343 AXIOMTEK-NA343 Datasheet
224Kb / 1P
   Desktop Network Appliance Platform with Intel Celeron
logo
AAEON Technology
FWS-2280 AAEON-FWS-2280 Datasheet
308Kb / 2P
   Desktop Network Appliance with Intel® Elkhart Lake Processor
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
List of Unclassifed Man...
UP-2010 ETC2-UP-2010 Datasheet
685Kb / 4P
   Enterprise Network Security Appliance with High-density Ports and PoE
logo
AAEON Technology
FWS-7800 AAEON-FWS-7800 Datasheet
475Kb / 2P
   1U Intel Xeon 3400 Series Network Appliance
FWS-7810 AAEON-FWS-7810 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance with Intel짰 C226 Chipset
logo
Lanner All Rights Reser...
ICS-I370 LANNER-ICS-I370 Datasheet
681Kb / 2P
   Industrial Grade Cyber Security Appliance with Intel Atom™ E3900 Processor
V.1-2022.11.17
logo
Axiomtek Co., Ltd.
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com