Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW-8771 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza FW-8771
Descripción Electrónicos  Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8771 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-8771 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8771 Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-8771 Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-8771 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FW-8771 Rackmountx86NetworkSecurityPlatformBasedon
Intel® Xeon® E3-1200 v3 processor (Haswell)
Intel® Xeon® E3-1200 v3 processor
Based on the new Intel® 22nm
process architecture, the proccessor
improves CPU performance and
efficiency in power consumption. The
Intel® AES New Instruction (AES-NI)
enhancements use hardware-based
acceleration to encrypt/decrypt the
data. The improvements in processing
performance is over 10% compared
with the previous generation Ivy Bridge.
This allows network appliances to
operate at ultra-high speed.
Compact Rackmount 1U with Shorter
Depth Design
Engineered for applications with limited
space, this product has dimensions that
permit deployment in small cabinets,
machinery, and almost any place
necessary. The depth is 15% shorter
than previous generation. Despite its
compact size, it has 8 GbE ports.
IPMI/Management port
FW-8771 includes one IPMI/
management port for in-band
management and out-of-band remote
management.
LAN Bypass
FW-8771 support 3 pairs Gen.3 LAN
Bypass function. Bypass ports allow
users to have uninterrupted network
traffic even if a single in-line appliance
is shut down or is hung.
Expandable with Lanner Ethernet
Modules
Lanner’s unique modular design allows
you to mix and match your networking
ports to suit your needs. Ethernet
network modules have options
including RJ45 with bypass, fiber bypass
and 10Gbps modules. The maximum
port density is up to 24 ports. (SKU C
only)
Features
7 GbE LAN ports
USB 3.0
x2
Console
IPMI/
Management port
NIC module slot x2
LCM
Single or Redundant PSUs
Cooling Fans x3


Número de pieza similar - FW-8771

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FW-8750 ETC2-FW-8750 Datasheet
293Kb / 2P
   A hybrid networking solution built for performance and security
FW-8756A ETC2-FW-8756A Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8756B ETC2-FW-8756B Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
FW-8758A ETC2-FW-8758A Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
More results

Descripción similar - FW-8771

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FW-8759 ETC2-FW-8759 Datasheet
354Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Xeon E3-1200 v3 or Core짰 i7/i5/i3 Series processor
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
FW-7573 ETC2-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor
FW-7585 ETC2-FW-7585 Datasheet
289Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
logo
Advantech Co., Ltd.
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
logo
Lanner All Rights Reser...
FW-7571 LANNER-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
logo
Advantech Co., Ltd.
FWA-6500 ADVANTECH-FWA-6500 Datasheet
575Kb / 2P
   Multi-Core x86 Intel짰 Xeon짰 Processor 5500 series based 2U Network Application Platform
logo
Lanner All Rights Reser...
FW-7573 LANNER-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor (Codenamed ?쏳angeley??
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com