Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3475 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM3475
Descripción Electrónicos  LM3475 Hysteretic PFET Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3475 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3475_15 Datasheet HTML 4Page - Texas Instruments LM3475_15 Datasheet HTML 5Page - Texas Instruments LM3475_15 Datasheet HTML 6Page - Texas Instruments LM3475_15 Datasheet HTML 7Page - Texas Instruments LM3475_15 Datasheet HTML 8Page - Texas Instruments LM3475_15 Datasheet HTML 9Page - Texas Instruments LM3475_15 Datasheet HTML 10Page - Texas Instruments LM3475_15 Datasheet HTML 11Page - Texas Instruments LM3475_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
PGATE
GND
Internal
Regulator
VCC
Level
Shift
en
Band Gap
Reference
VREF
70% VREF
Soft-Start
Vref Ramp
+
-
+
-
Current
Bias
reset
Blanking
Timer
UVD-Disable
UVD-Disable
en
reset
FB
EN
VIN
Pdrive
UVD
Comp
Hysteretic
Comp
LM3475
SNVS239C – OCTOBER 2004 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM3475 is a buck (step-down) DC-DC controller that uses a hysteretic control architecture, which results in
Pulse Frequency Modulated (PFM) regulation. The hysteretic control scheme does not utilize an internal
oscillator. Switching frequency depends on external components and operating conditions. Operating frequency
decreases at light loads, resulting in excellent efficiency compared to PWM architectures. Because switching is
directly controlled by the output conditions, hysteretic control provides exceptional load transient response.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Hysteretic Control Circuit
The LM3475 uses a comparator-based voltage control loop. The voltage on the feedback pin is compared to a
0.8V reference with 21mV of hysteresis. When the FB input to the comparator falls below the reference voltage,
the output of the comparator goes low. This results in the driver output, PGATE, pulling the gate of the PFET low
and turning on the PFET.
With the PFET on, the input supply charges COUT and supplies current to the load through the PFET and the
inductor. Current through the inductor ramps up linearly, and the output voltage increases. As the FB voltage
reaches the upper threshold (reference voltage plus hysteresis) the output of the comparator goes high, and the
PGATE turns the PFET off. When the PFET turns off, the catch diode turns on, and the current through the
inductor ramps down. As the output voltage falls below the reference voltage, the cycle repeats. The resulting
output, inductor current, and switch node waveforms are shown in Figure 9.
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM3475


Número de pieza similar - LM3475_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

Descripción similar - LM3475_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com