Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3481-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3481-Q1
Descripción Electrónicos  LM3481 / -Q1 High-Efficiency Controller for Boost, SEPIC and Flyback DC-DC Converters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3481-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM3481-Q1 Datasheet HTML 1Page - Texas Instruments LM3481-Q1 Datasheet HTML 2Page - Texas Instruments LM3481-Q1 Datasheet HTML 3Page - Texas Instruments LM3481-Q1 Datasheet HTML 4Page - Texas Instruments LM3481-Q1 Datasheet HTML 5Page - Texas Instruments LM3481-Q1 Datasheet HTML 6Page - Texas Instruments LM3481-Q1 Datasheet HTML 7Page - Texas Instruments LM3481-Q1 Datasheet HTML 8Page - Texas Instruments LM3481-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LM3481
VIN
ISEN
COMP
FB
AGND
UVLO
VCC
DR
PGND
FA/SYNC/SD
+
+
VIN = 5V
VOUT = 12V
R7
121 k:
R8
121 k:
CC
82 nF
C8
390 pF
RC
22.6 k:
RF2
20 k:
RF1
169 k:
RFA
90.9 k:
RSEN
20 m:
CSEN
1 nF
1 PF
CIN1, CIN2
150 PF
L1
6.8 PH
IOUT = 1.8A
COUT1, COUT2
150 PF
C9
D1
Q1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3481, LM3481-Q1
SNVS346F – NOVEMBER 2007 – REVISED NOVEMBER 2014
LM3481 / -Q1 High-Efficiency Controller for Boost, SEPIC and Flyback DC-DC Converters
1 Features
3 Description
The LM3481 device is a versatile Low-Side N-FET
1
LM3481QMM are Automotive-Grade Products
high-performance controller for switching regulators.
That are AEC-Q100 Grade 1 Qualified (–40°C to
The device is designed for use in Boost, SEPIC and
+125°C Operating Junction Temperature)
Flyback converters and topologies requiring a low-
10-Lead VSSOP Package
side FET as the primary switch. The LM3481 device
can be operated at very high switching frequencies to
Internal Push-Pull Driver With 1-A Peak Current
reduce the overall solution size. The switching
Capability
frequency of the LM3481 device can be adjusted to
Current Limit and Thermal Shutdown
any value between 100kHz and 1MHz by using a
Frequency Compensation Optimized With a
single external resistor or by synchronizing it to an
Capacitor and a Resistor
external
clock.
Current
mode
control
provides
superior bandwidth and transient response in addition
Internal Softstart
to cycle-by-cycle current limiting. Current limit can be
Current Mode Operation
programmed with a single external resistor.
Adjustable Undervoltage Lockout With Hysteresis
The LM3481 device has built-in protection features
Pulse Skipping at Light Loads
such as thermal shutdown, short-circuit protection
Key Specifications
and overvoltage protection. Power-saving shutdown
mode reduces the total supply current to 5 µA and
Wide Supply Voltage Range of 2.97 V to 48 V
allows power supply sequencing. Internal soft-start
100-kHz to 1-MHz Adjustable and
limits the inrush current at start-up. Integrated current
Synchronizable Clock Frequency
slope compensation simplifies the design and, if
±1.5% (Over Temperature) Internal Reference
needed for specific applications, can be increased
using a single resistor.
10-µA Shutdown Current (Over Temperature)
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Automotive Start-Stop Applications
LM3481
Automotive ADAS Driver Information
VSSOP (10)
3.00 mm × 3.00 mm
LM3481-Q1
One Cell/Two Cell Li-ion Battery Powered
(1) For all available packages, see the orderable addendum at
Portable Bluetooth Audio Systems
the end of the data sheet.
Notebooks, PDAs, Digital Cameras, and Other
Portable Applications
Offline Power Supplies
Set-Top Boxes
Boost for Audio Amplifiers
Figure 1. LM3481 Typical 5Vin to 12Vout Boost Converter Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LM3481-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3481 TI-LM3481 Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching
logo
National Semiconductor ...
LM3481MM NSC-LM3481MM Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3481MM TI-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results

Descripción similar - LM3481-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
logo
Linear Technology
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com