Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3495 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3495
Descripción Electrónicos  Emulated Peak Current Mode Buck Controller for Low Output Voltage
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3495 Datasheet(HTML) 3 Page - Texas Instruments

  LM3495 Datasheet HTML 1Page - Texas Instruments LM3495 Datasheet HTML 2Page - Texas Instruments LM3495 Datasheet HTML 3Page - Texas Instruments LM3495 Datasheet HTML 4Page - Texas Instruments LM3495 Datasheet HTML 5Page - Texas Instruments LM3495 Datasheet HTML 6Page - Texas Instruments LM3495 Datasheet HTML 7Page - Texas Instruments LM3495 Datasheet HTML 8Page - Texas Instruments LM3495 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM3495
www.ti.com
SNVS410F – FEBRUARY 2006 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN, ILIM
−0.3V to 20V
SW/CSH(3)
−0.5V to 20V
BOOST, HG
−0.3V to 25V
BOOST to SW
−0.3V to 6V
FB
−0.3V to 2V
TRACK, FREQ, FPWM, VLIN5, SNS, LG, CSL
−0.3V to 6V
Storage Temperature
−65°C to +150°C
Lead Temperature (soldering, 10 sec)
260°C
Soldering Information
Infrared or Convection (15 sec)
235°C
ESD Rating(4)
2kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
An extended negative voltage limit of –2V applies for a duration of 20 ns per switching cycle
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
(1)
Supply Voltage Range (VIN)
2.9V to 18V
BOOST to SW
2.5V to 5.5V
Junction Temperature
−40°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3495


Número de pieza similar - LM3495

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495 TI1-LM3495 Datasheet
1Mb / 35P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
National Semiconductor ...
LM3495MTC NSC-LM3495MTC Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3495MTCX NSC-LM3495MTCX Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495 TI1-LM3495_14 Datasheet
1Mb / 35P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
More results

Descripción similar - LM3495

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3495 TI1-LM3495_14 Datasheet
1Mb / 35P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3000 TI1-LM3000 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
National Semiconductor ...
LM3000 NSC-LM3000 Datasheet
815Kb / 26P
   Dual Synchronous Emulated Current-Mode Controller
logo
Texas Instruments
LM3000 TI1-LM3000_14 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP Datasheet
223Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOSFETs
logo
Texas Instruments
LM5116 TI-LM5116 Datasheet
1Mb / 37P
[Old version datasheet]   Emulated Peak Current Mode, Wide Operating Range Up to 100V
logo
Renesas Technology Corp
R2J20702NP RENESAS-R2J20702NP Datasheet
190Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20701NP RENESAS-R2J20701NP_08 Datasheet
226Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20751NP RENESAS-R2J20751NP Datasheet
197Kb / 26P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com