Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM72441 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza SM72441
Descripción Electrónicos  SM72441 Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SM72441 Datasheet(HTML) 4 Page - Texas Instruments

  SM72441_15 Datasheet HTML 1Page - Texas Instruments SM72441_15 Datasheet HTML 2Page - Texas Instruments SM72441_15 Datasheet HTML 3Page - Texas Instruments SM72441_15 Datasheet HTML 4Page - Texas Instruments SM72441_15 Datasheet HTML 5Page - Texas Instruments SM72441_15 Datasheet HTML 6Page - Texas Instruments SM72441_15 Datasheet HTML 7Page - Texas Instruments SM72441_15 Datasheet HTML 8Page - Texas Instruments SM72441_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SM72441
SNOSB64G – OCTOBER 2010 – REVISED APRIL 2013
www.ti.com
Pin Descriptions (continued)
Pin
Name
Description
22
NC8
No Connect. This pin should be grounded using a 10k resistor.
23
NC9
No Connect. This pin should be connected with 150k pull-up resistor to 5V supply.
24
LIB
Low side boost PWM output.
25
HIB
High side boost PWM output.
26
HIA
High side buck PWM output.
27
LIA
Low side buck PWM output.
28
OVP
Overvoltage Protection Pin. Active Low. SM72441 will reset once voltage on this pin drops below its threshold voltage.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Analog Supply Voltage VA (VDDA -VSSA)
-0.3 to 6.0V
Analog Supply Voltage VD (VDDD -VSSD)
-0.3 to VA +0.3V, max 6.0V
Voltage on Any Pin to GND
-0.3 to VA +0.3V
Input Current at Any Pin (Note 3)
±10 mA
Package Input Current (Note 3)
±20 mA
Storage Temperature Range
-65°C to +150°C
ESD Rating(3)
Human Body Model
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings indicate conditions for which the device is intended to be functional, but
does not ensure specific performance limits. For specified performance limits and associated test conditions, see the Electrical
Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Recommended Operating Conditions
Operating Temperature
-40°C to 105°C
VA Supply Voltage
+4.75V to +5.25V
VD Supply Voltage
+4.75V to VA
Digital Input Voltage
0 to VA
Analog Input Voltage
0 to VA
Junction Temperature
-40°C to 125°C
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: SM72441


Número de pieza similar - SM72441_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442 TI-SM72442 Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
National Semiconductor ...
SM72442MT NSC-SM72442MT Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442MT/NOPB TI-SM72442MT/NOPB Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
National Semiconductor ...
SM72442MTE NSC-SM72442MTE Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
More results

Descripción similar - SM72441_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442 TI-SM72442_15 Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445 TI-SM72445_15 Datasheet
780Kb / 20P
[Old version datasheet]   SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
logo
NXP Semiconductors
MPT612 NXP-MPT612 Datasheet
617Kb / 37P
   Maximum power point tracking IC
Rev.2-14 September 2010
logo
Shenzhen Huazhimei Semi...
HM4072B HMSEMI-HM4072B Datasheet
1Mb / 11P
   4A multi-cell battery charge management IC with solar cell maximum power point tracking
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Shenzhen Huazhimei Semi...
HM4077 HMSEMI-HM4077 Datasheet
613Kb / 10P
   4A, 12V lead-acid battery charge management IC with solar cell maximum power point tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com