Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM72441 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SM72441
Descripción Electrónicos  SM72441 Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SM72441 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SM72441 Datasheet HTML 3Page - Texas Instruments SM72441 Datasheet HTML 4Page - Texas Instruments SM72441 Datasheet HTML 5Page - Texas Instruments SM72441 Datasheet HTML 6Page - Texas Instruments SM72441 Datasheet HTML 7Page - Texas Instruments SM72441 Datasheet HTML 8Page - Texas Instruments SM72441 Datasheet HTML 9Page - Texas Instruments SM72441 Datasheet HTML 10Page - Texas Instruments SM72441 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
VOUT_MAX = 5 x
RB1
RT1 + RB1
x
(RFB1 + RFB2)
RFB2
SM72441
www.ti.com
SNOSB64G – OCTOBER 2010 – REVISED APRIL 2013
Figure 5. Start-Up Waveforms of Controlled Output
MAXIMUM OUTPUT VOLTAGE
Maximum output voltage on the SM72441 is set by resistor divider ratio on pin A0. (Please refer to Figure 2
Typical Application Circuit).
(1)
Where RT1 and RB1 are the resistor divider on the ADC pin A0 and RFB1 and RFB2 are the output voltage
feedback resistors. A typical value for RFB2 is about 2 k
Ω.
CURRENT LIMIT SETTING
Maximum output current can be set by changing the resistor divider on A4 (pin 18). (Refer to Figure 2 ).
Overcurrent at the output is detected when the voltage on AIOUT (pin 21) equals to the voltage on A4 (pin 18).
The voltage on A4 can be set by a resistor divider connected to 5V whereas a current sense amplifier output can
be used to set the voltage on AIOUT.
AIIN AND AIOUT PIN
These two pins are used to set current threshold from standby (buck-boost mode) to MPPT mode and from
MPPT mode into standby mode.
In order to transition from standby to MPPT mode, the following conditions have to be satisfied:
1) AIIN and AIOUT voltage > 0.488V
2) Iout < Iout_max
On the other hand, in order to transition from MPPT to standby mode, the following condition have to be
satisfied:
1) AIIN and AIOUT voltage < 0.293V
2) Iout < Iout_max
Current limit is triggered when AIOUT (pin 21) voltage is equal to A4 (pin 18).
AVIN PIN
AVIN pin is an A/D input to sense the input voltage of SM72441. A resistor divider can be used to scale the max
voltage to about 4V, which is 80% of the full scale of the A/D input.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SM72441


Número de pieza similar - SM72441

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442 TI-SM72442 Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
National Semiconductor ...
SM72442MT NSC-SM72442MT Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442MT/NOPB TI-SM72442MT/NOPB Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
National Semiconductor ...
SM72442MTE NSC-SM72442MTE Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
More results

Descripción similar - SM72441

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442 TI-SM72442_15 Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445 TI-SM72445_15 Datasheet
780Kb / 20P
[Old version datasheet]   SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
logo
NXP Semiconductors
MPT612 NXP-MPT612 Datasheet
617Kb / 37P
   Maximum power point tracking IC
Rev.2-14 September 2010
logo
Shenzhen Huazhimei Semi...
HM4072B HMSEMI-HM4072B Datasheet
1Mb / 11P
   4A multi-cell battery charge management IC with solar cell maximum power point tracking
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Shenzhen Huazhimei Semi...
HM4077 HMSEMI-HM4077 Datasheet
613Kb / 10P
   4A, 12V lead-acid battery charge management IC with solar cell maximum power point tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com