Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC651BEVUA Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza TC651BEVUA
Descripción Electrónicos  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC651BEVUA Datasheet(HTML) 5 Page - Microchip Technology

  TC651BEVUA Datasheet HTML 1Page - Microchip Technology TC651BEVUA Datasheet HTML 2Page - Microchip Technology TC651BEVUA Datasheet HTML 3Page - Microchip Technology TC651BEVUA Datasheet HTML 4Page - Microchip Technology TC651BEVUA Datasheet HTML 5Page - Microchip Technology TC651BEVUA Datasheet HTML 6Page - Microchip Technology TC651BEVUA Datasheet HTML 7Page - Microchip Technology TC651BEVUA Datasheet HTML 8Page - Microchip Technology TC651BEVUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21450B-page 5
TC650/TC651
3.0
DETAILED DESCRIPTION
The TC650/TC651 acquire and convert their junction
temperature (TJ) information from an on-chip solid-state
sensor with a typical accuracy of ±1°C. The temperature
data is digitally stored in an internal register. The
register is compared with pre-defined threshold values.
The six threshold values are equally distributed over a
pre-defined range of temperatures (see Table 3-1 and
Table 3-2). The TC650/TC651 control the speed of a
DC brushless fan using a fractional speed control
scheme. The output stage requires only a 2N2222-type
small-signal BJT for fans up to 300mA. For larger
current fans (up to 1 Amp) a logic-level N-channel
MOSFET may be used. In addition to controlling the
speed of the fan, the TC650/TC651 include an on-chip
over-temperature alarm (TOVER) that gives a low signal
when the temperature of the chip exceeds TH by 10°C,
(typical). This feature eliminates the need for a separate
temperature sensor for over-temperature monitoring.
TABLE 3-1:
TEMPERATURE RANGE
DEFINITION FOR TC650
(MINIMUM-SPEED MODE)
TABLE 3-2:
TEMPERATURE RANGE
DEFINITION FOR TC651
(AUTO-SHUTDOWN MODE)
FIGURE 3-1:
FUNCTIONAL BLOCK
DIAGRAM
3.1
PWM Output
The PWM pin is designed to drive a low cost transistor
or MOSFET as the low side power switching element in
the
system.
This
output
has
an
asymmetric
complementary drive and is optimized for driving NPN
transistors or N-channel MOSFETs. Since the system
relies on PWM rather than linear power control, the
dissipation in the power switch is kept to a minimum.
Generally,
very
small
devices
(TO-92
or
SOT
packages) will suffice. The frequency of the PWM is
about 15Hz. The PWM is also the time base for the
Start-up Timer (see paragraphs below). The PWM duty
cycle has a range of 40% to 100% for the TC650 and
50% to 100% for the TC651.
3.2
Start-Up Timer
To ensure reliable fan start-up, the Start-up Timer turns
PWM high for about 2 seconds whenever the fan is
started from the off state. This occurs at power-up and
when coming out of Shutdown mode.
3.3
Over-Temperature Alert (TOVER)
This pin goes low when the TH set point is exceeded by
10oC (typical). This indicates that the fan is at
maximum drive and the potential exists for system
overheating; either heat dissipation in the system has
gone beyond the cooling system's design limits, or
some FAULT exists such as fan bearing failure or an
airflow obstruction. This output may be treated as a
“System Overheat” warning and used to trigger system
shutdown, or bring other fans to full speed in the
system. The fan will continue to run at 100% speed
while TOVER is asserted. Built-in hysteresis prevents
TOVER from “chattering” when measured temperature
is at or near the TH + 10°C trip point. As temperature
falls through the TH + 10°C trip point, hysteresis
maintains the TOVER output low until measured
temperature is 5°C above the trip point setting.
Temperature (T = TJ)
PWM Duty Cycle
T<TL
40%
TL<= T<T1
50%
T1 < =T< T2
60%
T2 <=T<T3
70%
T3 < =T< T4
80%
T4 <=T <TH
90%
TH <=T <TOV
100%
TOV < = T
100% with Over Temp Alert
(TOVER =L)
Temperature (T = TJ)
PWM Duty Cycle
T< TL
“OFF”
TL<= T<T1
50%
T1 <= T<T2
60%
T2 <=T< T3
70%
T3 <=T< T4
80%
T4 <=T <TH
90%
TH <=T< TOV
100%
TOV < = T
100% with Over-Temp Alert
(TOVER =L)
Note:The temperature regions defined by the six temperature thresh-
olds are pre-defined in the TC650/TC651 by means of trimming. Once
aTL and TH are programmed, the T1 –T4 thresholds are automatically
equally spaced between TL and TH.
Temperature Sensor
Duty Cycle
Logic
Control
A/D Converter
Oscillator
Temperature
Set Point and
Trim Range
SHDN
TOVER
PWM
VDD
V+


Número de pieza similar - TC651BEVUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TC651BEV STMICROELECTRONICS-TC651BEV Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
More results

Descripción similar - TC651BEVUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
logo
Microchip Technology
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC648 MICROCHIP-TC648 Datasheet
602Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
2002
TC648 MICROCHIP-TC648_13 Datasheet
364Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
11/29/12
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com