Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6136A2 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPA6136A2
Descripción Electrónicos  25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6136A2 Datasheet(HTML) 4 Page - Texas Instruments

  TPA6136A2_15 Datasheet HTML 1Page - Texas Instruments TPA6136A2_15 Datasheet HTML 2Page - Texas Instruments TPA6136A2_15 Datasheet HTML 3Page - Texas Instruments TPA6136A2_15 Datasheet HTML 4Page - Texas Instruments TPA6136A2_15 Datasheet HTML 5Page - Texas Instruments TPA6136A2_15 Datasheet HTML 6Page - Texas Instruments TPA6136A2_15 Datasheet HTML 7Page - Texas Instruments TPA6136A2_15 Datasheet HTML 8Page - Texas Instruments TPA6136A2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
BOARD LAYOUT CONCEPT
AudioInputs –
Matchedboardlayout
fordifferentialinput
signals
Enable
Control
Headphone
Connector
GND
Gain
High-Z
D1
D2
D3
D4
C1
C2
C3
C4
B1
B2
B3
B4
A1
A3
A4
EN
CPN
GAIN
VDD
CPP
HPVSS
Hi-Z
OUTL
HPVDD
OUTR
INL-
INL+
INR+
A2
SGND
INR-
Battery
Supply
ABSOLUTE MAXIMUM RATINGS
TPA6136A2
SLOS621A – JULY 2009 – REVISED AUGUST 2009 ........................................................................................................................................................ www.ti.com
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
VALUE / UNIT
Supply voltage, VDD
–0.3 V to 6.0 V
Headphone amplifier supply voltage, HPVDD (do not connect to external supply)
–0.3 V to 1.9 V
VI
Input voltage (INR+, INR–, INL+, INL–)
1.4 VRMS
Output continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40°C to 85°C
TJ
Operating junction temperature range
–40°C to 150°C
Tstg
Storage temperature range
–65°C to 150°C
OUTL, OUTR
8 kV
ESD Protection – HBM
All Other Pins
2 kV
ORDERING GUIDE
TA
PACKAGED DEVICES(1)
PART NUMBER(2)
SYMBOL
TPA6136A2YFFR
–40°C to 85°C
16–ball, 1.6 mm × 1.6 mm WCSP
AOWI
TPA6136A2YFFT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The YFF package is only available taped and reeled. The suffix “R” indicates a reel of 3000; the suffix “T” indicates a reel of 250.
4
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPA6136A2


Número de pieza similar - TPA6136A2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6136A2YFFR TI-TPA6136A2YFFR Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2YFFT TI-TPA6136A2YFFT Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results

Descripción similar - TPA6136A2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com