Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3700 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS3700
Descripción Electrónicos  TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3700 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3700_15 Datasheet HTML 7Page - Texas Instruments TPS3700_15 Datasheet HTML 8Page - Texas Instruments TPS3700_15 Datasheet HTML 9Page - Texas Instruments TPS3700_15 Datasheet HTML 10Page - Texas Instruments TPS3700_15 Datasheet HTML 11Page - Texas Instruments TPS3700_15 Datasheet HTML 12Page - Texas Instruments TPS3700_15 Datasheet HTML 13Page - Texas Instruments TPS3700_15 Datasheet HTML 14Page - Texas Instruments TPS3700_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Overvoltage
Limit
Undervoltage
Limit
V
MON
OUTB
OUTA
TPS3700
www.ti.com
SBVS187D – FEBRUARY 2012 – REVISED JANUARY 2015
Feature Description (continued)
Figure 15. Window Comparator Timing Diagram
8.3.4 Immunity to Input Terminal Voltage Transients
The TPS3700 device is relatively immune to short voltage transient spikes on the input terminals. Sensitivity to
transients depends on both transient duration and amplitude; see the Minimum Pulse Width vs Threshold
Overdrive Voltage curve (Figure 7) in Typical Characteristics.
8.4 Device Functional Modes
8.4.1 Normal Operation (VDD > UVLO)
When the voltage on VDD is greater than 1.8 V for at least 150 µs, the OUTA and OUTB signals correspond to
the voltage on INA+ and INB– as listed in Table 1.
8.4.2 Undervoltage Lockout (V(POR) < VDD < UVLO)
When the voltage on VDD is less than the device UVLO voltage, and greater than the power-on reset voltage,
V(POR), the OUTA and OUTB signals are asserted and high impedance, respectively, regardless of the voltage on
INA+ and INB–.
8.4.3
Power-On Reset (VDD < V(POR))
When the voltage on VDD is lower than the required voltage to internally pull the asserted output to GND (V(POR)),
both outputs are in a high-impedance state.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS3700


Número de pieza similar - TPS3700_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
More results

Descripción similar - TPS3700_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_14 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com