Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM30-00J0512-03E Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

No. de pieza LM30-00J0512-03E
Descripción Electrónicos  30W, AC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LM30-00J0512-03E Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LM30-00J0512-03E Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LM30-00J0512-03E Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LM30-00J0512-03E Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LM30-00J0512-03E Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LM30-00J0512-03E Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC/DC Converter
LM30-00J0512-03E
2015.06.08-A/2
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Over-voltage Protection
Zener clamp diode
Min. Load
0
--
--
%
Hold-up Time
115VAC input
--
15
--
ms
230VAC input
--
115
--
Note: * Ripple and noise are measured by “parallel cable” method, please see AC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min
2000
--
--
VAC
Input-
2000
--
--
Output-
1000
--
--
Output-output
500
--
--
Operating Temperature
-40
--
+70
Storage Temperature
-40
--
+85
Storage Humidity
--
--
95
%RH
Welding Temperature
Wave-soldering
260±5℃; time:5~10s
Manual-welding
360±10℃; time:3~5s
Switching Frequency
--
65
--
KHz
Power Derating
-40℃~-25℃
4.0
--
--
%/℃
+50℃~+70℃
3.5
--
--
Safety Standard
IEC60950
Safety Class
CLASS I
MTBF
MIL-HDBK-217F@25℃ > 300,000 h
Physical Specifications
Casing Material
Metal case
Dimension
109.00*58.50*30.00 mm
Weight
180g (Typ.)
Cooling Method
Free convection
EMC Specifications
EMI
CE
CISPR22/EN55022, CLASS B
RE
CISPR22/EN55022, CLASS B
EMS
ESD
IEC/EN61000-4-2 ±6KV/8KV
Perf. Criteria B
RS
IEC/EN61000-4-3 10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4 ±4KV
perf. Criteria B
Surge
IEC/EN61000-4-5 ±2KV/4KV
perf. Criteria B
IEC/EN61000-4-5 ±4KV/6KV (See Fig. 2 for recommended circuit)
perf. Criteria B
CS
IEC/EN61000-4-6 10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8 10A/m
perf. Criteria A
Voltage dips, short interruptions
and voltage variations immunity
IEC/EN61000-4-11 0%-70%
perf. Criteria B


Número de pieza similar - LM30-00J0512-03E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
LM30-00J0512-03E MORNSUN-LM30-00J0512-03E Datasheet
1Mb / 4P
   30W,AC-DC CONVERTER
More results

Descripción similar - LM30-00J0512-03E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
LM30-00J0512-03E MORNSUN-LM30-00J0512-03E Datasheet
1Mb / 4P
   30W,AC-DC CONVERTER
LO30-10C0512-20 MORNSUN-LO30-10C0512-20 Datasheet
934Kb / 3P
   AC charging point dedicated 30W, AC-DC converter
LO30-10C0512-12L MORNSUN-LO30-10C0512-12L Datasheet
631Kb / 3P
   AC charging point dedicated 30W, AC-DC converter
logo
ETA-USA
BWTSX-U ETA-USA-BWTSX-U Datasheet
1Mb / 4P
   30W AC/DC
logo
Minmax Technology Co., ...
MPW1000 MINMAX-MPW1000_15 Datasheet
696Kb / 7P
   DC/DC CONVERTER 30W
MKW5000 MINMAX-MKW5000_15 Datasheet
447Kb / 6P
   DC/DC CONVERTER 30W
logo
Mean Well Enterprises C...
RSD-30 MEANWELL-RSD-30 Datasheet
961Kb / 10P
   30W Reliable Railway DC-DC Converter
PSD-30 MEANWELL-PSD-30 Datasheet
355Kb / 2P
   30W Single Output DC-DC Converter
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30_16 Datasheet
376Kb / 5P
   AC/DC Power Module 30W
logo
GAPTEC Electronic GmbH ...
30ACMEB GAPTEC-30ACMEB Datasheet
1Mb / 4P
   30W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com