Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD301D485 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

No. de pieza TD301D485
Descripción Electrónicos  Isolation transceiver module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD301D485 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TD301D485 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD301D485 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD301D485 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TD301D485 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial Bus
TDx01D485 Series
2015.09.16-A/3
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
single RS485 isolation transceiver module
FEATURES
Two-terminal isolation ( input and output are
mutually isolated)
Integrated Isolated DC/DC converter
Bus protection
Isolation voltage :2.5KVDC
Operating temperature range:-40℃~+85℃
Baud rate 9600bps
Connect up to 32 nodes on one bus
TD301D485/TD501D485 series are transceiver isolation module with integrated duplex power isolation, electrical isolation, and RS485
interface bus protector ; Products can be easily embedded in the user equipment, achieve function of RS485 network connection.
The isolation RS485 circuits of using a piece of power isolation module, three light couplings and RS485 transceivers and device are only
need to adopt a RS485 isolation module now. Simplify the customers on the isolation requirements of the design.
Selection Guide
Part No.
Power Supply input (VDC)
TD301D485
3.17~3.45
TD501D485
4.75~5.25
Input Specifications
Item
Operating Conditions
Value
Input Power
Supply
Static current
Products energized, no communication
TD501D485≤30 mA,TD301D485≤40mA
Send current
9600bps Square wave communication
TD501D485≤40 mA,TD301D485≤60mA
Input
Serial interface
TD301D485 compatible with + 3.3 V UART interface
TD501D485 compatible with + 5 V UART interface
Pin current
ITXD≤5mA;IRXD≤3 mA;ICON≤5mA
Bus Interface
Item
Operating Conditions
Value
Output
RS485 bus interface
Standard interface RS485 ,pull-up and pull-down resistor, whose
value is 4.7K,have been set to A/B line.
Transmission Specifications
Item
Operating Conditions
Value
Data Rate
9600bps (max.)
Transceiver Switching Delay
The delay time from the receiving data switch to the send
data : 30 μs(min.), 100 μs(max.).
The Number of Nodes
Connect up to 32 nodes on one bus
Transceiver Control
Contrary to common RS485 transceiver control level
Truth Table
Sending Status
Control
Input
Output
CON
TXD
A
B
Line state
0
1
1
0
Normal
0
0
0
1
Normal
Receiving Status
Control
Input
Output
CON
A-B
RXD
1
0.2V
1
1
-0.2V
0


Número de pieza similar - TD301D485

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
253Kb / 4P
   Industrial Bus
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H-E MORNSUN-TD301D485H-E Datasheet
358Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVERMODULE
More results

Descripción similar - TD301D485

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
TD301D485H-E MORNSUN-TD301D485H-E_15 Datasheet
273Kb / 4P
   Isolation transceiver module
logo
Guangzhou Reicu Electro...
PCM8251AT REICU-PCM8251AT Datasheet
5Mb / 1P
   CAN Isolation transceiver module
REV:20.1
PCM1051A REICU-PCM1051A Datasheet
5Mb / 1P
   CAN Isolation transceiver module
REV:20.1
RE3485ECHT REICU-RE3485ECHT Datasheet
5Mb / 1P
   485 Enhanced Isolation Transceiver Module
REV:15.4
logo
MORNSUN Science& Techno...
TD302DCAN MORNSUN-TD302DCAN Datasheet
541Kb / 3P
   DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com