Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2623 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2623
Descripción Electrónicos  General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2623 Datasheet(HTML) 4 Page - Texas Instruments

  LM2623 Datasheet HTML 1Page - Texas Instruments LM2623 Datasheet HTML 2Page - Texas Instruments LM2623 Datasheet HTML 3Page - Texas Instruments LM2623 Datasheet HTML 4Page - Texas Instruments LM2623 Datasheet HTML 5Page - Texas Instruments LM2623 Datasheet HTML 6Page - Texas Instruments LM2623 Datasheet HTML 7Page - Texas Instruments LM2623 Datasheet HTML 8Page - Texas Instruments LM2623 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM2623
SNVS188H – MAY 2004 – REVISED NOVEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
SW pin voltage
–0.5
14.5
V
BOOT, VDD, EN and FB pins
–0.5
10
V
FREQ pin
100
µA
TJmax
(3)
150
°C
Lead temp. (soldering, 5 sec)
260
°C
Power dissipation (TA=25°C)
(3)
500
mW
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by Tjmax (maximum junction temperature),
RθJA (junction-to-ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is Pdmax = (Tjmax – TA)/ RθJA or the number given in the Absolute Maximum Ratings, whichever is lower.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2
pins(1)
V(ESD)
Electrostatic discharge
kV
Charged device model (CDM), per JEDEC specification
0.5
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
(1)
MIN
MAX
UNIT
VDD pin
3
5
V
FB, EN pins
0
VDD
BOOT pin
0
10
V
Ambient temperature (TA)
−40
85
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.4 Thermal Information
LM2623
THERMAL METRIC(1)
NHE
DGK
UNIT
14 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
40 – 56
240
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM2623


Número de pieza similar - LM2623

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623 Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI1-LM2623 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
More results

Descripción similar - LM2623

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623_04 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623AMM TI-LM2623AMM Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 21P
[Old version datasheet]   LM2623 General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623-Q1 TI1-LM2623-Q1 Datasheet
428Kb / 20P
[Old version datasheet]   Automotive Gated-Oscillator-Based DC-DC Boost Converter
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com