Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2664M6X Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM2664M6X
Descripción Electrónicos  LM2664 Switched Capacitor Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2664M6X Datasheet(HTML) 3 Page - Texas Instruments

  LM2664M6X Datasheet HTML 1Page - Texas Instruments LM2664M6X Datasheet HTML 2Page - Texas Instruments LM2664M6X Datasheet HTML 3Page - Texas Instruments LM2664M6X Datasheet HTML 4Page - Texas Instruments LM2664M6X Datasheet HTML 5Page - Texas Instruments LM2664M6X Datasheet HTML 6Page - Texas Instruments LM2664M6X Datasheet HTML 7Page - Texas Instruments LM2664M6X Datasheet HTML 8Page - Texas Instruments LM2664M6X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
2
3
6
5
4
LM2664
www.ti.com
SNVS005E – NOVEMBER 1999 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
SOT-23 (DBV)
6 Pins
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
1
GND
Ground
Power supply ground input.
2
OUT
Power
Negative voltage output.
3
CAP
Power
Connect this pin to the negative terminal of the charge-pump capacitor.
4
SD
Input
Shutdown control pin, tie this pin to V+ in normal operation, and to GND for shutdown.
5
V+
Power
Power supply positive voltage input.
6
CAP+
Power
Connect this pin to the positive terminal of the charge-pump capacitor.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2664


Número de pieza similar - LM2664M6X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2664M6X NSC-LM2664M6X Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2664M6X TI-LM2664M6X Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results

Descripción similar - LM2664M6X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com