Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2853 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2853
Descripción Electrónicos  3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2853 Datasheet(HTML) 4 Page - Texas Instruments

  LM2853 Datasheet HTML 1Page - Texas Instruments LM2853 Datasheet HTML 2Page - Texas Instruments LM2853 Datasheet HTML 3Page - Texas Instruments LM2853 Datasheet HTML 4Page - Texas Instruments LM2853 Datasheet HTML 5Page - Texas Instruments LM2853 Datasheet HTML 6Page - Texas Instruments LM2853 Datasheet HTML 7Page - Texas Instruments LM2853 Datasheet HTML 8Page - Texas Instruments LM2853 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
AVIN, PVIN, EN, SNS, SW, SS
−0.3V to 6.0V
ESD Susceptibility (Note 2)
2kV
Power Dissipation
Internally Limited
Storage Temperature Range
−65˚C to +150˚C
Maximum Junction Temp.
150˚C
14-Pin Exposed Pad TSSOP Package
Infrared (15 sec)
220˚C
Vapor Phase (60 sec)
215˚C
Soldering (10 sec)
260˚C
Operating Ratings (Note 1)
PVIN to GND
1.5V to 5.5V
AVIN to GND
3.0V to 5.5V
Junction Temperature
−40˚C to +125˚C
Electrical Characteristics Specifications with standard typeface are for T
J = 25˚C, and those in bold face
type apply over the full Junction Temperature Range (−40˚C to 125˚C). Minimum and Maximum limits are guaranteed through
test, design or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C and are provided
for reference purposes only. Unless otherwise specified AVIN = PVIN = 5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
V
OUT
Voltage Tolerance (Note 3)
V
OUT = 0.8V option
0.782
0.8
0.818
V
V
OUT = 1.0V option
0.9775
1.0
1.0225
V
OUT = 1.2V option
1.1730
1.2
1.227
V
OUT = 1.5V option
1.4663
1.5
1.5337
V
OUT = 1.8V option
1.7595
1.8
1.8405
V
OUT = 2.5V option
2.4437
2.5
2.5563
V
OUT = 3.0V option
2.9325
3.0
3.0675
V
OUT = 3.3V option
3.2257
3.3
3.3743
∆V
OUT/
∆AVIN Line Regulation (Note 3)
V
OUT = 0.8V, 1.0V, 1.2V, 1.5V,
1.8V or 2.5V
3.0V
≤ AVIN ≤ 5.5V
0.2
1.1
%
V
OUT = 3.0V or 3.3V
3.5V
≤ AVIN ≤ 5.5V
0.2
1.1
%
∆V
OUT/
∆I
O
Load Regulation
Normal operation
2
mV/A
V
ON
UVLO Threshold (AVIN)
Rising
2.47
3.0
V
Falling Hysteresis
50
155
260
mV
R
DS(ON)-P
PFET On Resistance
Isw = 3A
40
120
m
R
DS(ON)-N
NFET On Resistance
Isw = 3A
32
100
m
R
SS
Soft-Start Resistance
450
k
I
CL
Peak Current Limit Threshold
3.6
5A
I
Q
Operating Current
Non-switching
0.85
2
mA
I
SD
Shutdown Quiescent Current
EN = 0V
12
50
µA
R
SNS
Sense Pin Resistance
432
k
PWM
f
osc
Switching Frequency
.
325
550
725
kHz
D
range
Duty Cycle Range
0
100
%
ENABLE CONTROL (Note 4)
V
IH
EN Pin Minimum High Input
75
%of
AVIN
V
IL
EN Pin Maximum Low Input
25
%of
AVIN
I
EN
EN Pin Pullup Current
EN = 0V
1.5
µA
www.national.com
3


Número de pieza similar - LM2853

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Texas Instruments
LM2853 TI1-LM2853 Datasheet
1Mb / 20P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER
logo
National Semiconductor ...
LM2853MH-0.8 NSC-LM2853MH-0.8 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2853MH-1.0 NSC-LM2853MH-1.0 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2853MH-1.2 NSC-LM2853MH-1.2 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
More results

Descripción similar - LM2853

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Texas Instruments
LM2853 TI1-LM2853_14 Datasheet
1Mb / 20P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 3A 500 kHz Synchronous Buck Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com