Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3208 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM3208
Descripción Electrónicos  LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3208 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3208_15 Datasheet HTML 3Page - Texas Instruments LM3208_15 Datasheet HTML 4Page - Texas Instruments LM3208_15 Datasheet HTML 5Page - Texas Instruments LM3208_15 Datasheet HTML 6Page - Texas Instruments LM3208_15 Datasheet HTML 7Page - Texas Instruments LM3208_15 Datasheet HTML 8Page - Texas Instruments LM3208_15 Datasheet HTML 9Page - Texas Instruments LM3208_15 Datasheet HTML 10Page - Texas Instruments LM3208_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
OUTPUT VOLTAGE (V)
76
80
84
88
92
96
100
RLOAD = 5:
RLOAD = 10:
RLOAD = 15:
4.0 4.5
0.0
0.4
0.8
1.2
1.6
VCON VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = -30ºC, 25ºC, 85ºC
VIN = 3.6V, 4.2V, 4.7V, 5.5V
0.0
0.1
0.2
0.3
0.4
VCON VOLTAGE (V)
0.0
0.2
0.4
0.6
0.8
1.0
VIN = 5.5V
VIN = 4.7V
VIN = 4.2V
VIN = 3.6V
LM3208
www.ti.com
SNVS404B – APRIL 2006 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 35, PVIN = VDD = EN = 3.6V and TA = 25°C unless otherwise specified.).
Current Limit
Current Limit
vs
vs
Temperature
Temperature
(Large PFET)
(Small PFET)
Figure 9.
Figure 10.
VCON Voltage
VCON Voltage
vs
vs
Output Voltage
Output Voltage
(RLOAD = 10 Ω)
(RLOAD = 10 Ω)
Figure 11.
Figure 12.
Efficiency
vs
EN High Threshold
Output Voltage
vs
(VIN = 3.9V)
Supply Voltage
Figure 13.
Figure 14.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3208


Número de pieza similar - LM3208_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3208TL NSC-LM3208TL Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3208TL/NOPB TI1-LM3208TL/NOPB Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3208TLX NSC-LM3208TLX Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3208TLX/NOPB TI1-LM3208TLX/NOPB Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
More results

Descripción similar - LM3208_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com