Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3678 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM3678
Descripción Electrónicos  High-Performance Miniature 1.5-A Step-Down DC-DC Converter for Handheld Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3678 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3678_15 Datasheet HTML 7Page - Texas Instruments LM3678_15 Datasheet HTML 8Page - Texas Instruments LM3678_15 Datasheet HTML 9Page - Texas Instruments LM3678_15 Datasheet HTML 10Page - Texas Instruments LM3678_15 Datasheet HTML 11Page - Texas Instruments LM3678_15 Datasheet HTML 12Page - Texas Instruments LM3678_15 Datasheet HTML 13Page - Texas Instruments LM3678_15 Datasheet HTML 14Page - Texas Instruments LM3678_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
V
PP-RMS
=
V
PP-C
2 + V
PP-ESR
2
VPP-C =
4*f*C
IRIPPLE
IRMS = IOUTMAX
The worst case is when VIN = 2 VOUT
(VIN - VOUT) VOUT
L f IOUTMAX VIN
r =
VOUT
VIN
r
2
12
1 -
+
VOUT
VIN
¸¸
¹
·
¨¨
©
§
LM3678
www.ti.com
SNVS464C – APRIL 2008 – REVISED MAY 2013
Input Capacitor Selection
A ceramic input capacitor of 10uF, 6.3V is sufficient for most applications. Place the input capacitor as close as
possible to the VIN pin of the device. A larger value may be used for improved input voltage filtering. Use X7R or
X5R types; do not use Y5V. DC bias characteristics of ceramic capacitors must be considered when selecting
case sizes like 0805 and 0603. The input filter capacitor supplies current to the PFET switch of the LM3678 in
the first half of each cycle and reduces voltage ripple imposed on the input power source. A ceramic capacitor’s
low ESR provides the best noise filtering of the input voltage spikes due to this rapidly changing current. Select a
capacitor with sufficient ripple current rating. The input current ripple can be calculated as:
(2)
Table 2. Suggest Inductors and Their Suppliers
Model
Vendor
Dimensions
D.C.R (max)
ISAT
LxWxH (mm)
NR4012T1R0N
Taiyo Yuden
4 x 4 x 1.2
60m
2.5A
LPS4012-102L
Coilcraft
3.9 x 3.9 x 1.2
100m
2.5A
LPS4012-102L
Coilcraft
3.9 x 3.9 x 1.8
40m
3.4A
Output Capacitor Selection
A ceramic output capacitor of 22µF, 6.3V is sufficient for most applications. Use X7R or X5R types; do not use
Y5V. DC bias characteristics of ceramic capacitors must be considered when selecting case sizes like 0805 and
0603. DC bias characteristics vary from manufacturer to manufacturer and dc bias curves should be requested
from them as part of the capacitor selection process.
The output filter capacitor smooths out current flow from the inductor to the load, helps maintain a steady output
voltage during transient load changes and reduces output voltage ripple. These capacitors must be selected with
sufficient capacitance and sufficiently low ESR to perform these functions.
The output voltage ripple is caused by the charging and discharging of the output capacitor and by the RESR and
can be calculated as:
Voltage peak-to-peak ripple due to capacitance can be expressed as follow:
(3)
Voltage peak-to-peak ripple due to ESR can be expressed as follow:
VPP-ESR = (2 * IRIPPLE) * RESR
Because these two components are out of phase the RMS (root mean squared) value can be used to get an
approximate value of peak-to-peak ripple.
The peak-to-peak ripple voltage RMS value can be expressed as follow:
(4)
Note that the output voltage ripple is dependent on the inductor current ripple and the equivalent series
resistance of the output capacitor (RESR).
The RESR is frequency dependent (as well as temperature dependent); make sure the value used for calculations
is at the switching frequency of the part.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3678


Número de pieza similar - LM3678_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3678 TI1-LM3678_14 Datasheet
1Mb / 18P
[Old version datasheet]   High-Performance Miniature 1.5-A Step-Down DC-DC Converter for Handheld Applications
More results

Descripción similar - LM3678_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3678 TI1-LM3678_14 Datasheet
1Mb / 18P
[Old version datasheet]   High-Performance Miniature 1.5-A Step-Down DC-DC Converter for Handheld Applications
logo
National Semiconductor ...
LM3678 NSC-LM3678 Datasheet
1Mb / 14P
   High-Performance, Miniature 1.5A Step-Down DC-DC Converter for Handheld Applications
logo
Allegro MicroSystems
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
SPI-8001TW ALLEGRO-SPI-8001TW Datasheet
427Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI1-LM3691_15 Datasheet
2Mb / 29P
[Old version datasheet]   High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
[Old version datasheet]   LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com