Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3679 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM3679
Descripción Electrónicos  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3679 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3679_15 Datasheet HTML 4Page - Texas Instruments LM3679_15 Datasheet HTML 5Page - Texas Instruments LM3679_15 Datasheet HTML 6Page - Texas Instruments LM3679_15 Datasheet HTML 7Page - Texas Instruments LM3679_15 Datasheet HTML 8Page - Texas Instruments LM3679_15 Datasheet HTML 9Page - Texas Instruments LM3679_15 Datasheet HTML 10Page - Texas Instruments LM3679_15 Datasheet HTML 11Page - Texas Instruments LM3679_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LM3679
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
LM3679TL/UR, Circuit of Figure 1, VIN = 3.6V, VOUT = 1.8V, TA = 25°C, unless otherwise noted.
Load Transient Response (VOUT = 1.8V)
Mode Change by Load Transients
(PFM Mode 50mA to 1mA)
VOUT = 1.8V (PFM to PWM)
Figure 17.
Figure 18.
Mode Change by Load Transients
Load Transient Response
VOUT = 1.8V (PWM to PFM)
VOUT = 1.8V (PWM Mode)
Figure 19.
Figure 20.
Start Up into PWM Mode
Start Up into PFM Mode
VOUT = 1.8V (Output Current = 300mA)
VOUT = 1.8V (Output Current = 1mA)
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3679


Número de pieza similar - LM3679_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3679TL-1.8 NSC-LM3679TL-1.8 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679TLX-1.8 NSC-LM3679TLX-1.8 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679UR-1.2 NSC-LM3679UR-1.2 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679UR-1.5 NSC-LM3679UR-1.5 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679UR-1.8 NSC-LM3679UR-1.8 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
More results

Descripción similar - LM3679_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3679 NSC-LM3679 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
logo
Texas Instruments
LM3679 TI1-LM3679 Datasheet
5Mb / 22P
[Old version datasheet]   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
logo
National Semiconductor ...
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com