Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM20333 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM20333
Descripción Electrónicos  LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM20333 Datasheet(HTML) 2 Page - Texas Instruments

  LM20333 Datasheet HTML 1Page - Texas Instruments LM20333 Datasheet HTML 2Page - Texas Instruments LM20333 Datasheet HTML 3Page - Texas Instruments LM20333 Datasheet HTML 4Page - Texas Instruments LM20333 Datasheet HTML 5Page - Texas Instruments LM20333 Datasheet HTML 6Page - Texas Instruments LM20333 Datasheet HTML 7Page - Texas Instruments LM20333 Datasheet HTML 8Page - Texas Instruments LM20333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
VIN
1
FB
SS/TRK
SW
VIN
GND
AGND
SW
EN
VIN
PGOOD
COMP
EP
VCC
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SW
GND
GND
SW
VIN
SYNC
BOOT
LM20333
SNVS558D – MAY 2008 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. 20-Pin HTSSOP, Top View
See PWP0020A Package
PIN DESCRIPTIONS
Pin(s)
Name
Description
Application Information
1
SS/TRK
Soft-Start or Tracking control input
An internal 4.5 µA current source charges an external capacitor to set
the soft-start rate. The PWM can track to an external voltage ramp with
a low impedance source. If left open, an internal 1 ms SS ramp is
activated.
2
FB
Feedback input to the error amplifier
This pin is connected to the inverting input of the internal
from the regulated output
transconductance error amplifier. An 800 mV reference is internally
connected to the non-inverting input of the error amplifier.
3
PGOOD
Power good output signal
Open drain output indicating the output voltage is regulating within
tolerance. A pull-up resistor of 10 k
Ω to 100 kΩ is recommended if this
function is used.
4
COMP
Output of the internal error amplifier and
The loop compensation network should be connected between the
input to the Pulse Width Modulator
COMP pin and the AGND pin.
5,6,15,16
VIN
Input supply voltage
Nominal operating range: 4.5V to 36V.
7,8,13,14
SW
Switch pin
The drain terminal of the internal Synchronous Rectifier power
NMOSFET and the source terminal of the internal Control power
NMOSFET.
9,10,11
GND
Ground
Internal reference for the power MOSFETs.
12
AGND
Analog ground
Internal reference for the regulator control functions.
17
BOOT
Boost input for bootstrap capacitor
An internal diode from VCC to BOOT charges an external capacitor
required from SW to BOOT to power the Control MOSFET gate driver.
18
VCC
Output of the high voltage linear
VCC tracks VIN up to about 7.2V. Above VIN = 7.2V, VCC is regulated
regulator. The VCC voltage is regulated
to approximately 5.5 Volts. A 0.1 µF to 1 µF ceramic decoupling
to approximately 5.5V.
capacitor is required. The VCC pin is an output only.
19
EN
Enable or UVLO input
An external voltage divider can be used to set the line undervoltage
lockout threshold. If the EN pin is left unconnected, a 2 µA pull-up
current source pulls the EN pin high to enable the regulator.
20
SYNC
Frequency synchronization input
An external clock connected to this pin will set the switching frequency.
If left open the device will operate at approximately 200 kHz.
EP
Exposed
Exposed pad
Exposed metal pad on the underside of the package with a weak
Pad
electrical connection to GND. Connect this pad to the PC board ground
plane in order to improve heat dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM20333


Número de pieza similar - LM20333

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20333AMH NSC-LM20333AMH Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20333AMHE NSC-LM20333AMHE Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
More results

Descripción similar - LM20333

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com