Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM22672 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM22672
Descripción Electrónicos  SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM22672 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM22672_15 Datasheet HTML 7Page - Texas Instruments LM22672_15 Datasheet HTML 8Page - Texas Instruments LM22672_15 Datasheet HTML 9Page - Texas Instruments LM22672_15 Datasheet HTML 10Page - Texas Instruments LM22672_15 Datasheet HTML 11Page - Texas Instruments LM22672_15 Datasheet HTML 12Page - Texas Instruments LM22672_15 Datasheet HTML 13Page - Texas Instruments LM22672_15 Datasheet HTML 14Page - Texas Instruments LM22672_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM22672
LM22672
RT/SYNC
Vout
1 k
2N7002
EN
ENABLE
1 k
RT/SYNC
EN
LM22672, LM22672-Q1
www.ti.com
SNVS588M – SEPTEMBER 2008 – REVISED NOVEMBER 2014
Feature Description (continued)
Figure 13. Switching Frequency vs RT/SYNC Resistor
7.3.4 Self-Synchronization
It is possible to synchronize multiple LM22672 regulators together to share the same switching frequency. This
can be done by tying the RT/SYNC pins together through a MOSFET and connecting a 1 k
Ω resistor to ground
at each pin. Figure 14 shows this connection. The gate of the MOSFET should be connected to the regulator
with the highest output voltage. Also, the EN pins of both regulators should be tied to the common system
enable, in order to properly initialize both regulators. The operation is as follows: When the regulators are
enabled, the outputs are low and the MOSFET is off. The 1 k
Ω resistors pull the RT/SYNC pins low, thus
enabling the synchronization mode. These resistors are small enough to pull the RT/SYNC pin low, rather than
activate the frequency adjust mode. Once the output voltage of one of the regulators is sufficient to turn on the
MOSFET, the two RT/SYNC pins are tied together and the regulators will run in synchronized mode. The two
regulators will be clocked at the same frequency but slightly phase shifted according to the minimum off-time of
the regulator with the fastest internal oscillator. The slight phase shift helps to reduce stress on the input
capacitors of the regulator. It is important to choose a MOSFET with a low gate threshold voltage so that the
MOSFET will be fully enhanced. Also, a MOSFET with low inter-electrode capacitance is required. The 2N7002
is a good choice.
Figure 14. Self-Synchronizing Setup
7.3.5 Boot-Strap Supply
The LM22672 incorporates a floating high-side gate driver to control the power MOSFET. The supply for this
driver is the external boot-strap capacitor connected between the BOOT pin and SW. A good quality 10 nF
ceramic capacitor must be connected to these pins with short, wide PCB traces. One reason the regulator
imposes a minimum off-time is to ensure that this capacitor recharges every switching cycle. A minimum load of
about 5 mA is required to fully recharge the boot-strap capacitor in the minimum off-time. Some of this load can
be provided by the output voltage divider, if used.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM22672 LM22672-Q1


Número de pieza similar - LM22672_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM22672MR-5.0 NSC-LM22672MR-5.0 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MR-ADJ NSC-LM22672MR-ADJ Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MRE-5.0 NSC-LM22672MRE-5.0 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MRE-ADJ NSC-LM22672MRE-ADJ Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MRX-5.0 NSC-LM22672MRX-5.0 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

Descripción similar - LM22672_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com