Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM22672 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM22672
Descripción Electrónicos  SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM22672 Datasheet(HTML) 1 Page - Texas Instruments

  LM22672 Datasheet HTML 1Page - Texas Instruments LM22672 Datasheet HTML 2Page - Texas Instruments LM22672 Datasheet HTML 3Page - Texas Instruments LM22672 Datasheet HTML 4Page - Texas Instruments LM22672 Datasheet HTML 5Page - Texas Instruments LM22672 Datasheet HTML 6Page - Texas Instruments LM22672 Datasheet HTML 7Page - Texas Instruments LM22672 Datasheet HTML 8Page - Texas Instruments LM22672 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM22672-ADJ
VIN
EN
SW
BOOT
FB
GND
VIN
VOUT
RT/SYNC SS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM22672, LM22672-Q1
SNVS588M – SEPTEMBER 2008 – REVISED NOVEMBER 2014
LM22672/-Q1 42-V, 1-A SIMPLE SWITCHER® Step-Down Voltage Regulator
with Features
1 Features
3 Description
The LM22672 switching regulator provides all of the
1
Wide Input Voltage Range: 4.5 V to 42 V
functions necessary to implement an efficient high
Internally Compensated Voltage Mode Control
voltage step-down (buck) regulator using a minimum
Stable with Low ESR Ceramic Capacitors
of external components. This easy to use regulator
incorporates a 42 V N-channel MOSFET switch
200 m
Ω N-Channel MOSFET
capable of providing up to 1 A of load current.
Output Voltage Options:
Excellent line and load regulation along with high
-ADJ (Outputs as Low as 1.285 V)
efficiency (> 90%) are featured. Voltage mode control
-5.0 (Output Fixed to 5 V)
offers short minimum on-time, allowing the widest
±1.5% Feedback Reference Accuracy
ratio between input and output voltages. Internal loop
compensation means that the user is free from the
500 kHz Default Switching Frequency
tedious task of calculating the loop compensation
Adjustable Switching Frequency and
components. Fixed 5 V output and adjustable output
Synchronization
voltage options are available.
–40°C to 125°C Junction Temperature Range
The default switching frequency is set at 500 kHz
Precision Enable Input
allowing for small external components and good
Integrated Boot-Strap Diode
transient response. In addition, the frequency can be
adjusted over a range of 200 kHz to 1 MHz with a
Adjustable Soft-Start
single external resistor. The internal oscillator can be
Fully WEBENCH® Enabled
synchronized to a system clock or to the oscillator of
LM22672-Q1 is an Automotive Grade Product
another regulator. A precision enable input allows
that is AEC-Q100 Grade 1 Qualified (–40°C to
simplification of regulator control and system power
+125°C Junction Temperature)
sequencing. In shutdown mode the regulator draws
only 25 µA (typ). An adjustable soft-start feature is
SO PowerPAD (Exposed Pad)
provided through the selection of a single external
capacitor. The LM22672 also has built in thermal
2 Applications
shutdown, and current limiting to protect against
Industrial Control
accidental overloads.
Telecom and Datacom Systems
The LM22672 is a member of Texas Instruments'
Embedded Systems
SIMPLE
SWITCHER®
family.
The
SIMPLE
SWITCHER® concept provides for an easy to use
Conversions from Standard 24 V, 12 V and 5 V
complete design using a minimum number of external
Input Rails
components and the TI WEBENCH® design tool. TI's
WEBENCH® tool includes features such as external
Simplified Application Schematic
component calculation, electrical simulation, thermal
simulation, and Build-It boards for easy design-in.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM22672,
HSOP (8)
4.89 mm x 3.90 mm
LM22672-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LM22672

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MR-5.0 NSC-LM22672MR-5.0 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MR-ADJ NSC-LM22672MR-ADJ Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MRE-5.0 NSC-LM22672MRE-5.0 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MRE-ADJ NSC-LM22672MRE-ADJ Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

Descripción similar - LM22672

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com